Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK1010 Datasheet(Fiches technique) 2 Page - Inchange Semiconductor Company Limited

Numéro de pièce 2SK1010
Description  Drain Current –ID=6A@ TC=25C
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1010 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SK1010 Datenblatt HTML 1Page - Inchange Semiconductor Company Limited 2SK1010 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc N-Channel Mosfet Transistor
2SK1010
·ELECTRICAL CHARACTERISTICS (T
C=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 1mA
500
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID=1mA
2.5
3.5
5.0
V
RDS(on)
Drain-Source On-stage Resistance
VGS=10V; ID= 3A
1.2
1.6
Ω
IGSS
Gate Source Leakage Current
VGS= ±30V;VDS= 0
±100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 500V; VGS= 0
500
uA
VSD
Forward On-Voltage
IS=6A; VGS=0
1.0
1.5
V
tr
Rise time
VGS=10V;ID=6A;
RL=25Ω
50
80
ns
ton
Turn-on time
70
110
ns
tf
Fall time
50
80
ns
toff
Turn-off time
130
200
ns
PDF pdfFactory Pro
www.fineprint.cn


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn