Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

94630016000 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce 94630016000
Description  20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

94630016000 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  94630016000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 94630016000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 94630016000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AWM Specification:
UL Style 2464 (300 V 80°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
PMSHA Specification:
P-7K-SC-182141
Customer Part Number Reference Specification:
Allen Bradley P/N 1770-CD
Flame Test
UL Flame Test:
UL1685 UL Loading
Suitability
Sunlight Resistance:
Yes
Plenum/Non-Plenum
Plenum Number:
89463
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
78
Nom. Inductance:
Inductance (µH/ft)
0.12
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/ft)
19.7
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/ft)
36
Nominal Velocity of Propagation:
VP (%)
66
Nominal Delay:
Delay (ns/ft)
1.54
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
9.5
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
4.1
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100 ft.)
1
0.6
10
2.1
50
5.0
100
7.5
200
11.0
Page 2 of 3
06-23-2009
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
9463 Twinax - Blue Hose® Cable


Numéro de pièce similaire - 94630016000

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
94630016000 ETC2-94630016000 Datasheet
105Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
logo
Belden Inc.
94630016000 BELDEN-94630016000 Datasheet
270Kb / 3P
   Blue Hose짰, 1 Pr #20 Str TC, PO Ins Blu,Wht, OSTC Brd, PVC Jkt, CM
More results

Description similaire - 94630016000

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
9272 ETC2-9272 Datasheet
101Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
28383 ETC2-28383 Datasheet
33Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1748320 ETC2-1748320 Datasheet
105Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351711 ETC2-1351711 Datasheet
99Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
9892 ETC2-9892 Datasheet
104Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
1351322 ETC2-1351322 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
1344170 ETC2-1344170 Datasheet
98Kb / 3P
   20 AWG stranded (7x28) tinned copper conductors
1345981 ETC2-1345981 Datasheet
100Kb / 3P
   20 AWG stranded (7x28) TC conductors, polyethylene insulation
28469 ETC2-28469 Datasheet
33Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1348165 ETC2-1348165 Datasheet
100Kb / 3P
   25 AWG stranded (7x33) tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com