Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCCE-013U142-00 Fiches technique(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

No de pièce LCCE-013U142-00
Description  15W LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Site Internet  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-013U142-00 Fiches technique(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-013U142-00 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-013U142-00 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. LCCE-013U142-00 Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
● EMI: FCC / CE
● Comply with Indoor/Outdoor Waterproof (IP 67)
● Warranty: 5 years (refer to LinkCom warranty policy)
LCCE-017U701-00
16.8
19-24
0.7
3.5
2.8
18
16.8
*REFERENCE: www.linkcom.com.tw
● Safety: UL / PSE
80%
±10%
0.5
±10%
80%
2.8
2.8
±10%
80%
3.5
80%
3
NA
2.8
±10%
80%
9-12
LCCE-017U501-00
3000 ms at full load 115 Vac / 230 Vac
0.4 A / 110 Vac
Cold Start 5 A @ 230 Vac
The power will derate on the current limit.
80%
ELECTRICAL SPECIFICATION
11-15
1.2
±10%
0.35
WITHSTAND VOLTAGE
LCCE-017U351-00
LCCE-017U122-00
STORAGE TEMP.
LEAKAGE CURRENT
OVER TEMP. PROTECTION
OVER VOLTAGE PROTECTION
TURN ON DELAY TIME
DIMENSION (L*W*H)
15W LED Power Supply
Constant Current Mode
15-LCCE Series
OUTPUT
CURRENT
TOLERANCE
● RoHS Compliant
PRODUCT SPECIFICATION
DC OUTPUT
POWER(W)
OUTPUT
CURRENT(A)
MODEL
DC OUTPUT
VOLTAGE(V)
18
30-36
38-48
EFFICIENCY
±10%
80%
80%
80%
80%
±10%
80%
80%
80%
NA
90-305 Vac, 127-431 Vdc, Normal: 100-277 Vac
±10%
±10%
14-20
> 0.95 @ 115 Vac / > 0.9 @ 230 Vac at Full Load and Rated Output Voltage
SCP will restart automatically after the fault condition is removed
The OVP is latched shutdown mode.
2.8
Range: 47-63 Hz, Normal: 50-60 Hz
FCC Part 15, EN 55015
I/P-O/P: 4.242 kVdc, I/P-CASE: 4 kVdc
I/P-O/P: 100M Ω / 500 Vdc / 25℃ / 70% RH
90 * 40 * 25 mm【3.74 * 1.57 * 0.98 inch】
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
ISOLATION RESISTANCE
(5) Minimum load is NOT required for proper operation .
(4) Specified for free-air convection cooling.
(6) 100% Production Tested.
OVER CURRENT PROTECTION
SHORT CIRCUIT PROTECTION
ACTIVE POWER FACTOR
THD
(2) All specifications Typical at 25℃, unless otherwise noted, at normal line and load.
(1) All parameters specified at 230 Vac input unless otherwise noted.
EMI
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1 uF bypass and 47 uF electrolytic, pk-pk at 20 MHz bandwidth.
-20 ℃ ~ +60 ℃
13-18
16
14.4
16.2
14-20
0.8
1.05
18.9
16
LCCE-015U501-00
LCCE-015U721-00
LCCE-017U142-00
0.72
24-32
1.35
● Power Factor: > 0.95 @ 115 Vac / > 0.9 @ 230 Vac
80%
3
0.5
0.35
1.05
0.8
±10%
0.5
O/P NOISE(P-P,V)
FEATURES:
● Protection: SCP / OVP / OTP
● High Operating Ambient Temp.: -20 ℃ ~ +60 ℃
● Surge Protection: L-N 1 kV
LCCE-013U112-00
LCCE-013U721-00
9-12
13-18
2.8
2.8
LCCE-013U501-00
● AC Input 90~305 Vac Nominal
● AC Inrush current: 5 A @ 230 Vac Cold start
LCCE-017U801-00
LCCE-017U112-00
-40 ℃ ~ +80 ℃
12.96
12
12.6
LCCE-013U351-00
10% to +90%, non-cond.
UL 60950-1, PSE
OPERATING TEMP.
RELATIVE HUMIDITY
SAFETY
INPUT VOLTAGE RANGE
INPUT FREQUENCY
AC CURRENT
INRUSH CURRENT (typ)
< 0.7 mA / 264 Vac
LCCE-015U112-00
LCCE-015U801-00
±10%
15.75
14.4
11-15
13-18
±10%
12.6
1.05
0.72
80%
±10%
±10%
±10%
2.8
2.8
2.8
2.8
19-24
30-36
2.8
LCCE-013U142-00
11.2
5-8
1.4
±10%
74%
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw


Numéro de pièce similaire - LCCE-013U142-00

FabricantNo de pièceFiches techniqueDescription
logo
LinkCom Manufacturing C...
LCCE-013U142 LINKCOM-LCCE-013U142 Datasheet
627Kb / 4P
   Power Supply
More results

Description similaire - LCCE-013U142-00

FabricantNo de pièceFiches techniqueDescription
logo
ETA-USA
VTM05-SC12 ETA-USA-VTM05-SC12 Datasheet
6Mb / 3P
   15W Isolated Power Supply
VTM21-WC12 ETA-USA-VTM21-WC12 Datasheet
6Mb / 3P
   15W Isolated Power Supply
SVM-SD ETA-USA-SVM-SD Datasheet
2Mb / 3P
   15W Isolated Power Supply
SVM-SC ETA-USA-SVM-SC Datasheet
2Mb / 3P
   15W Isolated Power Supply
logo
Mean Well Enterprises C...
PM-15 MEANWELL-PM-15_10 Datasheet
199Kb / 2P
   15W Output Switching Power Supply
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
   5Vdc, 3A, 15W Power Supply
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
logo
Mean Well Enterprises C...
IRM-15 MEANWELL-IRM-15 Datasheet
164Kb / 2P
   15W Output Switching Power Supply
NFM-15 MEANWELL-NFM-15_12 Datasheet
226Kb / 2P
   15W Output Switching Power Supply
PM-15 MEANWELL-PM-15_12 Datasheet
231Kb / 2P
   15W Output Switching Power Supply
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com