Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

5400FE008500 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce 5400FE008500
Description  20 AWG bare copper conductors, PVC insulation, conductors cabled, Beldfoil짰 shield tape (foil side out) with drain wire
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

5400FE008500 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  5400FE008500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5400FE008500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5400FE008500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5400FE Non-Paired - Commercial Audio Systems - 2 Conductors Cabled
Outer Jacket Material
PVC - Polyvinyl Chloride
Outer Jacket Nominal Wall Thickness
.015 in.
Outer Jacket Ripcord
Yes
OVERALL NOMINAL DIAMETER:
Overall Nominal Diameter
.145 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-20°C To +75°C
UL Temperature Rating
75°C
Bulk Cable Weight
15.6 lbs/1000 ft.
Max. Recommended Pulling Tension
37.1 lbs.
Min. Bend Radius (Install)
1.5 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
NEC/(UL) Specification
CMR
NEC Articles
800
CEC/C(UL) Specification
CMG
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2005
FLAME TEST:
UL Flame Test
UL1666 Vertical Shaft
C(UL) Flame Test
FT4
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
Plenum Number
6400FE
ELECTRICAL CHARACTERISTICS:
Nom. Inductance
.17 µH/ft
Nom. Capacitance Conductor to Conductor @ 1 KHz
56 pF/ft
Nom. Cap. Cond. to Other Cond. & Shield @ 1 KHz
101 pF/ft
Nom. Conductor DC Resistance @ 20 Deg. C
10.3 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20 Deg. C
11.2 Ohms/1000 ft
Max. Operating Voltage - UL
300 V RMS
Max. Recommended Current
3.75 Amps per conductor @ 25°C (10°C rise in temp)
PUT-UPS AND COLORS:
Item
Description
Put-Up (ft.)
Ship Weight (lbs.)
Jacket Color
Notes
5400FE 0081000
2 #20 PVC FS
FRPVC
1000
17
GRAY
C
Page 2 of 3


Numéro de pièce similaire - 5400FE008500

FabricantNo de pièceFiches techniqueDescription
logo
Belden Inc.
5400FE BELDEN-5400FE Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5400FE-0081000 BELDEN-5400FE-0081000 Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5400FE-008500 BELDEN-5400FE-008500 Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5400FE-008U1000 BELDEN-5400FE-008U1000 Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
5400FE-008U500 BELDEN-5400FE-008U500 Datasheet
173Kb / 2P
   Security & Sound, 2 Conductor 20 AWG, BC, Shielded, CMR
03-29-2023
More results

Description similaire - 5400FE008500

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
9534 ETC2-9534 Datasheet
101Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, PVC insulation
5542FE ETC2-5542FE Datasheet
97Kb / 3P
   22 AWG bare copper conductors, PVC insulation, conductors twisted into pairs
28513 ETC2-28513 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
28494 ETC2-28494 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
28509 ETC2-28509 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation
1682749 ETC2-1682749 Datasheet
97Kb / 2P
   24 AWG solid bare copper conductors, twisted pair, PVC insulation
28498 ETC2-28498 Datasheet
33Kb / 3P
   24 AWG stranded (7x32) tinned copper conductors, conductors cabled, semi-rigid PVC insulation, overall Beldfoil
1300SB ETC2-1300SB Datasheet
109Kb / 3P
   24 AWG solid bare copper conductors, polypropylene insulation
1344803 ETC2-1344803 Datasheet
109Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
1345263 ETC2-1345263 Datasheet
106Kb / 4P
   24 AWG Solid Bare Copper Conductors, Polyolefin Insulation
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com