Moteur de recherche de fiches techniques de composants électroniques |
|
AD408M182VLB-5 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers |
|
AD408M182VLB-5 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 28 page Rev.1 Page 9 DC Characteristics : (Ta = 0 to 70°C, VCC= +3.3V %, VSS= 0V) Notes: 1. ICC is specified as an average current. It depends on output loading condition and cycle rate when the device is selected. ICC max is specified at the output open condition. 2. Address can be changed once or less while RAS = VIL. 3. For ICC4, address can be changed once or less within one EDO page mode cycle time. Parameter Symbol Test Conditions AD404M42V Unit Notes -5 -6 Min Max Min Max Input leakage current ILI + 0.3V -5 5 -5 5 Output leakage current ILO + 0.3V Dout = Disable -5 5 -5 5 Output high Voltage VOH IOH = -2mA 2.4 - 2.4 - V Output low voltage VOL IOL = +2mA - 0.4 - 0.4 V 10 ± 0V Vin V C C ≤ ≤ µA 0V Vout V CC ≤ ≤ µA |
Numéro de pièce similaire - AD408M182VLB-5 |
|
Description similaire - AD408M182VLB-5 |