Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

RC5532 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce RC5532
Description  High Performance Dual Low Noise Operational Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RC5532 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  RC5532 Datasheet HTML 1Page - Fairchild Semiconductor RC5532 Datasheet HTML 2Page - Fairchild Semiconductor RC5532 Datasheet HTML 3Page - Fairchild Semiconductor RC5532 Datasheet HTML 4Page - Fairchild Semiconductor RC5532 Datasheet HTML 5Page - Fairchild Semiconductor RC5532 Datasheet HTML 6Page - Fairchild Semiconductor RC5532 Datasheet HTML 7Page - Fairchild Semiconductor RC5532 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRODUCT SPECIFICATION
RC5532/RC5532A
REV. 1.1.3 6/14/01
3
DC Electrical Characteristics
(VS = ±15V and TA = +25˚C unless otherwise noted)
Notes:
1. Diodes protect the inputs against over-voltage. Therefore, unless current-limiting resistors are used, large currents will flow
if the differential input voltage exceeds 0.6V. Maximum input current should be limited to ±10mA.
2. Over Temperature: RC = 0°C
≤ TA ≤70°C
Electrical Characteristics
(VS = ±15V and TA = +25°C )
RC5532/5532A
Parameters
Test Conditions
Min.
Typ.
Max.
Units
Input Offset Voltage
0.5
4.0
mV
Over Temperature
5.0
mV
Input Offset Current
10
150
nA
Over Temperature
200
nA
Input Bias Current
200
800
nA
Over Temperature
1000
nA
Supply Current
6.0
16
mA
Over Temperature
22
mA
Input Voltage Range
±12
±13
V
Common Mode Rejection Ratio
70
100
dB
Power Supply
Rejection Ratio
80
100
dB
Large Signal
Voltage Gain
RL
≥ 2 KΩ, VOUT = ±10V
25
100
V/mV
Over Temperature
15
50
RL
≥ 600Ω, VOUT = ±10V
15
50
Over Temperature
10
Output Voltage Swing
RL
≥ 600Ω
±12
±13
V
RL = 600
Ω, VS = ±18V
±15
±16
RL
≥ 2kΩ
Input Resistance
(Diff. Mode)
300
K
Short Circuit Current
38
mA
RC/RM5532A
Parameters
Test Conditions
Min.
Typ.
Max.
Units
Input Noise Voltage Density
FO = 30 Hz
8.0
12
nV/
√Hz
FO = 1 kHz
5.0
6.0
Input Noise Current Density
FO = 30 Hz
2.7
pA/
√Hz
FO = 1 kHz
0.7
Channel Separation
F = 1 kHz, RS = 5 k
110
dB


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn