Moteur de recherche de fiches techniques de composants électroniques |
|
6N139SLT2 Fiches technique(PDF) 4 Page - CT Micro International Corporation |
|
6N139SLT2 Fiches technique(HTML) 4 Page - CT Micro International Corporation |
4 / 15 page CT Micro Rev 1 Proprietary & Confidential Page 4 Aug, 2013 6N138, 6N139 Low Input Current Photodarlington Coupler Electrical Characteristics T A = 0 - 70°C, VCC= 5V (unless otherwise specified). Switching Characteristics Symbol Parameters Test Conditions Min Typ Max Units Notes TPHL High to Low Propagation Delay 6N139 IF= 0.5mA, RL= 4.7k Ω - - 30 µs TA= 250C - 4.8 25 IF= 12mA, RL= 250 Ω - - 2 TA= 250C - 0.2 1 6N138 IF= 1.6mA, RL= 2.2k Ω - - 15 TA= 250C - 1.35 10 TPLH Low to High Propagation Delay 6N139 IF= 0.5mA, RL= 4.7k Ω - - 90 µs TA= 250C - 15 60 IF= 12mA, RL= 250 Ω - - 10 TA= 250C - 1.6 7 6N138 IF= 1.6mA, RL= 2.2k Ω - - 50 TA= 250C - 7.6 35 CMH Common Mode Transient Immunity at Logic High IF = 0mA, |VCM| = 10VP-P, TA = 25°C,RL = 2.2k 1,000 - - V/µs CML Common Mode Transient Immunity at Logic Low IF = 1.6mA, |VCM| = 10VP-P, TA = 25°C,RL = 2.2k 1,000 - - |
Numéro de pièce similaire - 6N139SLT2 |
|
Description similaire - 6N139SLT2 |