Moteur de recherche de fiches techniques de composants électroniques |
|
6N135VMT2 Fiches technique(PDF) 5 Page - CT Micro International Corporation |
|
6N135VMT2 Fiches technique(HTML) 5 Page - CT Micro International Corporation |
5 / 16 page CT Micro Rev 2 Proprietary & Confidential Page 5 May, 2015 6N135, 6N136, CT4502, CT4503 1Mbit/s High Speed Phototransistor Optocoupler Electrical Characteristics TA = 0 - 70°C (unless otherwise specified). Typical values are measured at TA = 250C and VCC=5V Switching Characteristics Symbol Parameters Test Conditions Min Typ Max Units Notes TPHL Propagation Delay Time Logic High to Logic Low 6N135 RL=4.1K , TA=25°C - 0.35 1.5 µs RL=4.1K - - 2.0 6N136 CT4502 CT4503 RL=1.9K , TA=25°C - 0.35 0.8 RL=1.9K - - 1.0 TPLH Propagation Delay Time Logic Low to Logic High 6N135 RL=4.1K , TA=25°C - 0.5 1.5 µs RL=4.1K - - 2.0 6N136 CT4502 CT4503 RL=1.9K , TA=25°C - 0.3 0.8 RL=1.9K - - 1.0 CMH Common Mode Transient Immunity at Logic High 6N135 IF = 0mA , VCM=10Vp-p, RL=4.1K , TA =25°C 1,000 - - V/µs 6N136 CT4502 IF = 0mA , VCM=10Vp-p, RL=1.9K , TA =25°C 1,000 - - CT4503 IF = 0mA , VCM=1500Vp-p, RL=1.9K , TA =25°C 15,000 20,000 CML Common Mode Transient Immunity at Logic Low 6N135 IF = 16mA , VCM=10Vp-p, RL=4.1K , TA =25°C 1,000 - - V/µs 6N136 CT4502 IF = 16mA , VCM=1500Vp-p, RL=1.9K , TA=25°C 1,000 - - CT4503 IF = 16mA , VCM=1500Vp-p, RL=1.9K , TA=25°C 15,000 20,000 |
Numéro de pièce similaire - 6N135VMT2 |
|
Description similaire - 6N135VMT2 |