Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA16846 Fiches technique(PDF) 21 Page - Infineon Technologies AG

No de pièce TDA16846
Description  ICs for Consumer Electronics
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA16846 Fiches technique(HTML) 21 Page - Infineon Technologies AG

Back Button TDA16846 Datasheet HTML 17Page - Infineon Technologies AG TDA16846 Datasheet HTML 18Page - Infineon Technologies AG TDA16846 Datasheet HTML 19Page - Infineon Technologies AG TDA16846 Datasheet HTML 20Page - Infineon Technologies AG TDA16846 Datasheet HTML 21Page - Infineon Technologies AG TDA16846 Datasheet HTML 22Page - Infineon Technologies AG TDA16846 Datasheet HTML 23Page - Infineon Technologies AG TDA16846 Datasheet HTML 24Page - Infineon Technologies AG TDA16846 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TDA 16846
TDA 16847
Data Sheet
21
2000-01-14
T12 Charge time
TC1
0.85
1.0
1.3
µs
V
3 > 3 V,
C
1 = 680 pF,
R
1 = 100 kΩ
T13 Charge time
TC1
1.9
2.4
3.0
µs
V
3 < 2 V,
C
1 = 680 pF,
R
1 = 100 kΩ
Off-time
TD1
MAX.
65
72
80
µs
C
1 = 680 pF,
R
1 = 100 kΩ
Bias current Pin 1
–– 1.1
– 0.4
µA
Zero crossing threshold
(Pin 3)
15
25
35
mV
Delay to switch-on
280
350
480
ns
Bias current Pin 3
–– 2
– 1.2
µA
V
3 < 25 mV
Error Amplifier EA (Pin 3, Pin 4)
Input threshold (Pin 3)
V
EATH
4.85
5
5.15
V
Bias current Pin 3
––
– 0.9
µA
V
3 > 3 V
Soft-start charge current
(Pin 4)
–– 2.5
– 1.8
– 1.2
µA
Opto Coupler Input (Pin 5)
Input voltage range
V
5
0.3
6V
Pull high resistor to
V
REF
R
1
15
20
25
k
5.2
Characteristics (cont’d)
Unless otherwise stated, – 25
°C< T
j <125 °C, VCC =12 V
Parameter
Symbol
Limit Values
Unit Test Condition
min.
typ.
max.


Numéro de pièce similaire - TDA16846

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846-2 INFINEON-TDA16846-2 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
TDA16846 INFINEON-TDA16846_03 Datasheet
909Kb / 29P
   Controller for Switch Mode Power Supplies Supporting Low Power Standby and Power Factor
V2.0, 31 July 2003
More results

Description similaire - TDA16846

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
   ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
   ICs for Consumer Electronics
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
   ICs for Consumer Electronics
SDA5275P SIEMENS-SDA5275P Datasheet
142Kb / 30P
   ICs for Consumer Electronics MEGATEXT and MEGATEXT PLUS ICs
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
   Consumer electronics
06.30.15
logo
Silicon Laboratories
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
   Consumer electronics
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
   Consumer electronics
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
366Kb / 14P
   Integrated consumer electronics control
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
   HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
Skyworks Solutions Inc.
SI4704-D50 SKYWORKS-SI4704-D50 Datasheet
385Kb / 33P
   BROADCAST FM RADIO RECEIVER FOR CONSUMER ELECTRONICS
Revision 0.2 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com