Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N17 Datasheet(Fiches technique) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Numéro de pièce 1N17
Description  SCHOTTKY BARRIER RECTIFIER
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Site Internet  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

1N17 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  1N17 Datenblatt HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. 1N17 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEAD TEMPERATURE,
NUMBER OF CYCLES AT 60Hz
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.1 -- FORWARD DERATING CURVE
FIG.2 -- PEAK FORWARD SURGE CURRENT
FIG.3 -- TYPICAL INSTANTANEOUS FORWARD
X -CHARACTERISTICS
REVERSE VOLTAGE,VOLTS
FIG.4 -- TYPICAL JUNCTION CAPACITANCE
TJ=25℃
f=1.0MHz
Vsig=50mVp-p
10
100
400
0.1
1
10
100
0
25
110
100
25
30
20
10
5
TJ=TJMAX
8.3ms Single Half
Sine-Wave
0.5
1.0
0
25
50
75
100
125
150
Resistive or
Inductive Load
0.375"(9.5mm)Lead
Length
0
0.75
0.25
.1
.3
.5
.7
.9
1.1 1.3
1.5 1.7 1.9
2.1
.1
1
10
20
1N 17
1N 19
1N 18
T J=2 5
P ulse w id th= 300
s
1 % Du ty Cyc le
2 of 2
www.sunmate.tw


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn