Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB020N03KL3-0-T3-G Fiches technique(PDF) 6 Page - Cystech Electonics Corp.

No de pièce MTB020N03KL3-0-T3-G
Description  30V N-channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03KL3-0-T3-G Fiches technique(HTML) 6 Page - Cystech Electonics Corp.

  MTB020N03KL3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03KL3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03KL3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03KL3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03KL3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03KL3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03KL3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03KL3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03KL3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143L3
Issued Date : 2016.01.22
Revised Date : 2016.02.22
Page No. : 6/9
MTB020N03KL3
CYStek Product Specification
Typical Characteristics(Cont.)
Typical Transfer Characteristics
0
5
10
15
20
25
30
35
40
01
2
34
5
VGS, Gate-Source Voltage(V)
VDS=10V
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
0
10
20
30
40
50
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width(s)
TJ(MAX)=150°C
TA=25°C
RθJA=45°C/W
Transient Thermal Response Curves
0.01
0.1
1
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=45°C/W


Numéro de pièce similaire - MTB020N03KL3-0-T3-G

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB020N03KJ3 CYSTEKEC-MTB020N03KJ3 Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3-0-T3-G CYSTEKEC-MTB020N03KJ3-0-T3-G Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KM3 CYSTEKEC-MTB020N03KM3 Datasheet
441Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB020N03KM3-0-T2-G CYSTEKEC-MTB020N03KM3-0-T2-G Datasheet
441Kb / 9P
   N-Channel Enhancement Mode MOSFET
MTB020N03KN3 CYSTEKEC-MTB020N03KN3 Datasheet
470Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Description similaire - MTB020N03KL3-0-T3-G

FabricantNo de pièceFiches techniqueDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com