Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV70WS Fiches technique(PDF) 1 Page - Nanjing International Group Co

No de pièce BAV70WS
Description  Silicon Epitaxial Planar Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAV70WS Fiches technique(HTML) 1 Page - Nanjing International Group Co

  BAV70WS Datasheet HTML 1Page - Nanjing International Group Co BAV70WS Datasheet HTML 2Page - Nanjing International Group Co BAV70WS Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV70WS
Silicon Epitaxial Planar Switching Diode
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
70
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-Repetitive Peak Forward Current
t = 1 µs
t = 1 s
IFSM
2
1
A
Power Dissipation
Pd
250
mW
Operating Junction Temperature Range
Tj
150
O
C
Storage Temperature Range
Tstg
- 55 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Min.
Max.
Unit
Reverse Voltage
at IR = 100 μA
VR
70
-
V
Forward Voltage
at IF = 1 mA
at IF = 10 mA
at IF = 50 mA
VF
-
-
-
715
855
1
mV
mV
V
Reverse Voltage
at VR = 70 V
at VR = 25 V, Ta = 150 OC
at VR = 70 V, Ta = 150 OC
IR
-
-
-
5
60
100
μA
Reverse Recovery Time
at IF = IR = 10 mA to IR = 1 mA, RL = 100 Ω
trr
-
6
ns
Total Capacitance
at VR = 0, f = 1 MHz
CT
-
1.5
pF
Anode
2
Top View
Marking Code: "W2"
Simplified outline SOD-323 and symbol
1
2
PINNING
1
PIN
Cathode
DESCRIPTION
W2


Numéro de pièce similaire - BAV70WS

FabricantNo de pièceFiches techniqueDescription
logo
SEMTECH ELECTRONICS LTD...
BAV70WS SEMTECH_ELEC-BAV70WS Datasheet
295Kb / 3P
   SWITCHING DIODE
logo
TAITRON Components Inco...
BAV70WS TAITRON-BAV70WS Datasheet
307Kb / 4P
   Multiple Terminals SMD Switching Diodes
logo
Goodwork Semiconductor ...
BAV70WS GWSEMI-BAV70WS Datasheet
918Kb / 3P
   Silicon Epitaxial Planar Switching Diode
More results

Description similaire - BAV70WS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
DA221 ROHM-DA221 Datasheet
74Kb / 4P
   Switching diode Silicon epitaxial planar
logo
Zowie Technology Corpor...
1N4148WSGH ZOWIE-1N4148WSGH Datasheet
131Kb / 2P
   Silicon Epitaxial Planar Switching Diode
logo
SEMTECH ELECTRONICS LTD...
BAV70W SEMTECH_ELEC-BAV70W Datasheet
287Kb / 2P
   SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Zowie Technology Corpor...
1N4148WTGH ZOWIE-1N4148WTGH Datasheet
152Kb / 2P
   Silicon Epitaxial Planar Switching Diode
1N4148WSGH ZOWIE-1N4148WSGH_11 Datasheet
140Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Zibo Seno Electronic En...
1N914G ZSELEC-1N914G Datasheet
127Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N914W ZSELEC-1N914W Datasheet
148Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1N4448 ZSELEC-1N4448 Datasheet
123Kb / 3P
   Silicon Epitaxial Planar Switching Diode
1SS400 ZSELEC-1SS400 Datasheet
180Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Olitech Electronics Co....
BAS35 OLITECH-BAS35 Datasheet
515Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
Nanjing International G...
MMBD914 DGNJDZ-MMBD914 Datasheet
277Kb / 2P
   Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com