Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54A Fiches technique(PDF) 1 Page - Nanjing International Group Co

No de pièce BAT54A
Description  SCHOTTKY DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAT54A Fiches technique(HTML) 1 Page - Nanjing International Group Co

  BAT54A Datasheet HTML 1Page - Nanjing International Group Co BAT54A Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT54 / A / C / S
SCHOTTKY DIODES
BAT54
Marking Code: L4
BAT54A Marking Code: L42
BAT54C
Marking Code: L43
BAT54S Marking Code: L44
Absolute Maximum Ratings
1) (T
a = 25
O
C)
Parameter
Symbol
Limits
Unit
Repetitive peak reverse voltage
VRRM
30
V
Average rectified forward current
IF(AV)
200
mA
Non-repetitive peak forward surge current
at Pulse width=1.0 second
IFSM
600
mA
Power dissipation
Ptot
290
mW
Thermal resistance junction to ambient air
RθJA
430
O
C/W
Junction temperature
Tj
-55 to +150
O
C
Storage temperature range
TS
-55 to +150
O
C
1) These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Characteristics at Ta = 25OC
Parameter
Symbol
Min.
Max.
Unit
Forward voltage
at IF = 0.1mA
at IF = 1mA
at IF = 10mA
at IF = 30mA
at IF = 100mA
VF
VF
VF
VF
VF
-
-
-
-
-
240
320
400
500
1000
mV
mV
mV
mV
mV
Reverse current
at VR = 25V
IR
-
2
μA
Breakdown voltage
at IR =10μA
VR
30
-
V
Total capacitance
at VR = 1V, f = 1MHz
Ctot
-
10
pF
Reverse recovery time
at IF = 10mA, IR = 10mA, IRR = 1mA,
RL = 100Ω
trr
-
5
ns
1
3
2
3
1
2
1
3
2
2
1
3
BAT54
BAT54S
BAT54C
BAT54A


Numéro de pièce similaire - BAT54A

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAT54A PANJIT-BAT54A Datasheet
112Kb / 3P
   SURFACT MOUNT SCHOTTKY BARRIER
logo
Sangdest Microelectroni...
BAT54A SMC-BAT54A Datasheet
221Kb / 5P
   Negligible switching losses
logo
KEC(Korea Electronics)
BAT54A KEC-BAT54A Datasheet
29Kb / 1P
   SCHOTTKY BARRIER TYPE DIODE
logo
Comchip Technology
BAT54A COMCHIP-BAT54A Datasheet
102Kb / 2P
   Surface Mount Schottky Diode
logo
Shanghai Yint Electroni...
BAT54A YINT-BAT54A Datasheet
389Kb / 3P
   Surface Mount Schottky Barrier Diodes
More results

Description similaire - BAT54A

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Unisonic Technologies
SD106WS UTC-SD106WS Datasheet
84Kb / 3P
   SCHOTTKY DIODES
logo
General Semiconductor
SD101A GE-SD101A Datasheet
107Kb / 3P
   Schottky Diodes
BAT17 GE-BAT17 Datasheet
81Kb / 1P
   SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
   Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
   Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
   SCHOTTKY DIODES
LL41 GE-LL41 Datasheet
42Kb / 2P
   Schottky Diodes
LL103A GE-LL103A Datasheet
131Kb / 3P
   Schottky Diodes
logo
Rectron Semiconductor
SD101AWS RECTRON-SD101AWS Datasheet
52Kb / 3P
   SCHOTTKY DIODES
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com