Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD914 Fiches technique(PDF) 2 Page - Yea Shin Technology Co., Ltd

No de pièce MMBD914
Description  High?뭆peed Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEASHIN [Yea Shin Technology Co., Ltd]
Site Internet  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

MMBD914 Fiches technique(HTML) 2 Page - Yea Shin Technology Co., Ltd

  MMBD914 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd MMBD914 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd MMBD914 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.yeashin.com
2
REV.02 20120305
DEVICE CHARACTERISTICS
MMBD914
Figure 2. Forward Voltage
VF, FORWARD VOLTAGE (VOLTS)
1.0
10
100
0.1
Figure 3. Leakage Current
VR, REVERSE VOLTAGE (VOLTS)
10
0
1.0
0.1
0.001
0.01
10
20
30
40
50
1.0
1.2
0.2
0.4
0.6
0.8
Figure 4. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
0
4.0
2.0
4.0
6.0
8.0
TA = 85°C
TA = -40°C
TA = 25°C
TA = 25°C
TA = 55°C
TA = 85°C
TA = 150°C
TA = 125°C
Notes: 1. A 2.0 k
Ω variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820
0.1
µF
DUT
VR
100
µH
0.1
µF
50
Ω OUTPUT
PULSE
GENERATOR
50
Ω INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Numéro de pièce similaire - MMBD914

FabricantNo de pièceFiches techniqueDescription
logo
Transys Electronics
MMBD914 TRSYS-MMBD914 Datasheet
113Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Foshan Blue Rocket Elec...
MMBD914 FOSHAN-MMBD914 Datasheet
738Kb / 6P
   Silicon Diode in a SOT-23 Plastic Package
logo
Won-Top Electronics
MMBD914 WTE-MMBD914 Datasheet
59Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Shenzhen Luguang Electr...
MMBD914 LUGUANG-MMBD914 Datasheet
204Kb / 2P
   High-speed Switching Diode
logo
Zowie Technology Corpor...
MMBD914 ZOWIE-MMBD914 Datasheet
49Kb / 2P
   HIGH-SPEED SWITCHING DIODE
More results

Description similaire - MMBD914

FabricantNo de pièceFiches techniqueDescription
logo
First Silicon Co., Ltd
FDS914 FS-FDS914 Datasheet
353Kb / 3P
   High?뭆peed Switching Diode
logo
ON Semiconductor
1SS400T1 ONSEMI-1SS400T1_07 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
MMBD914LT1 ONSEMI-MMBD914LT1 Datasheet
52Kb / 3P
   High?뭆peed Switching Diode
January, 2006 ??Rev. 5
logo
AiT Semiconductor Inc.
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
logo
ON Semiconductor
NSD914XV2T1 ONSEMI-NSD914XV2T1 Datasheet
51Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 3
logo
WILLAS ELECTRONIC CORP
MMBD914LT1 WILLAS-MMBD914LT1 Datasheet
296Kb / 3P
   High?뭆peed Switching Diode
logo
ON Semiconductor
MMDL914T1 ONSEMI-MMDL914T1 Datasheet
47Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 4
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
NE521 ONSEMI-NE521 Datasheet
123Kb / 7P
   High?뭆peed Dual?묭ifferential Comparator/Sense Amp
October, 2006 ??Rev. 4
logo
AiT Semiconductor Inc.
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com