Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BY252 Fiches technique(PDF) 1 Page - Taiwan Memory Technology

No de pièce BY252
Description  3A, 200V - 800V Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TMT [Taiwan Memory Technology]
Site Internet  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

BY252 Fiches technique(HTML) 1 Page - Taiwan Memory Technology

  BY252 Datasheet HTML 1Page - Taiwan Memory Technology BY252 Datasheet HTML 2Page - Taiwan Memory Technology BY252 Datasheet HTML 3Page - Taiwan Memory Technology BY252 Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, Low VF
- High current capability
- High reliability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21
Molding compound, UL flammability classification rating 94V-0
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Pure tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
200
400
600
800
V
VRMS
140
280
420
560
V
VDC
200
400
600
800
V
IF(AV)
A
CJ
pF
RθJA
°C/W
TJ
°C
TSTG
°C
Note1: Pulse Test with PW=300μs, 1% Duty Cycle
Note2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Document Number: DS_D1406026
Version: D15
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
μA
100
Typical junction capacitance (Note 2)
40
IR
5
Typical thermal resistance
40
A
Maximum instantaneous forward voltage (Note 1)
@ 3 A
VF
1.0
V
Maximum reverse current @ rated VR
TJ=25°C
TJ=125°C
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
3
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
Maximum repetitive peak reverse voltage
MECHANICAL DATA
Case:
DO-201AD
Weight:
1.2 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25°C unless otherwise noted)
PARAMETER
SYMBOL
BY251
BY252
BY253
BY251 - BY254
3A, 200V - 800V Silicon Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Taiwan Semiconductor
BY254
UNIT
DO-201AD


Numéro de pièce similaire - BY252

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BY252 PANJIT-BY252 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Diotec Semiconductor
BY252 DIOTEC-BY252 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
BY252 DIOTEC-BY252 Datasheet
63Kb / 2P
   Si-Rectifiers - Si-Gleichrichter
logo
EIC discrete Semiconduc...
BY252 EIC-BY252 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
logo
Transys Electronics
BY252 TRSYS-BY252 Datasheet
128Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER
More results

Description similaire - BY252

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BY251G TSC-BY251G Datasheet
286Kb / 6P
   3A, 200V - 800V Glass Passivated Rectifier
logo
Shindengen Electric Mfg...
S3L20U SHINDENGEN-S3L20U Datasheet
428Kb / 7P
   Super Fast Recovery Rectifiers(200V 3A)
DE3L20U SHINDENGEN-DE3L20U Datasheet
460Kb / 7P
   Super Fast Recovery Rectifiers(200V 3A)
logo
SeCoS Halbleitertechnol...
S25GBJ20-C SECOS-S25GBJ20-C Datasheet
216Kb / 2P
   Voltage 200V ~800V 25.0Amp Glass Passivited Bridge Rectifiers
S20GBJ20-C SECOS-S20GBJ20-C Datasheet
218Kb / 2P
   Voltage 200V ~800V 20.0Amp Glass Passivited Bridge Rectifiers
S15GBU20-C SECOS-S15GBU20-C Datasheet
227Kb / 2P
   Voltage 200V ~800V 15.0Amp Glass passivited Bridge Rectifiers
logo
Rohm
2SK2294 ROHM-2SK2294 Datasheet
139Kb / 5P
   Switching (800V, 3A)
logo
Silicon Standard Corp.
1N5400 SSC-1N5400 Datasheet
422Kb / 2P
   3A Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
S1GVB20-C SECOS-S1GVB20-C Datasheet
204Kb / 2P
   Voltage 200V ~ 800V 1.0 Amp Glass Passivited Bridge Rectifiers
logo
PACELEADER INDUSTRIAL
SM34A PACELEADER-SM34A Datasheet
1,011Kb / 5P
   3A Low VF Schottkty Barrier Rectifiers 40V~200V
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com