Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4001S Fiches technique(PDF) 4 Page - Taiwan Memory Technology

No de pièce 1N4001S
Description  1A, 50V - 1000V Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TMT [Taiwan Memory Technology]
Site Internet  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

1N4001S Fiches technique(HTML) 4 Page - Taiwan Memory Technology

  1N4001S_16 Datasheet HTML 1Page - Taiwan Memory Technology 1N4001S_16 Datasheet HTML 2Page - Taiwan Memory Technology 1N4001S_16 Datasheet HTML 3Page - Taiwan Memory Technology 1N4001S_16 Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CREAT BY ART
assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to
any intellectual property rights is granted by this document. Except as provided in TSC's terms and conditions of
sale for such products, TSC assumes no liability whatsoever, and disclaims any express or implied warranty,
relating to sale and/or use of TSC products including liability or warranties relating to fitness for a particular purpose,
merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify TSC for any damages resulting from such improper use or sale.
Document Number: DS_D1402005
Version: F15
1N4001S - 1N4007S
Taiwan Semiconductor
Notice
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf,


Numéro de pièce similaire - 1N4001S_16

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
1N4001S CHONGQING-1N4001S_16 Datasheet
178Kb / 1P
   1.0AMP . SILICON RECTIFIERS
logo
Diotec Semiconductor
1N4001S DIOTEC-1N4001S_16 Datasheet
141Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Description similaire - 1N4001S_16

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
S1A TMT-S1A_16 Datasheet
364Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400_16 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
logo
Harris Corporation
A14A HARRIS-A14A Datasheet
302Kb / 3P
   1A, 50V - 1000V Diode
December 1993
logo
Taiwan Semiconductor Co...
HER101SG TSC-HER101SG_15 Datasheet
385Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifiers
logo
Taiwan Memory Technolog...
FR101G TMT-FR101G_16 Datasheet
351Kb / 4P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
   1A, 50V - 1000V Standard Rectifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com