Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4001S Fiches technique(PDF) 2 Page - Taiwan Memory Technology

No de pièce 1N4001S
Description  1A, 50V - 1000V Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TMT [Taiwan Memory Technology]
Site Internet  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

1N4001S Fiches technique(HTML) 2 Page - Taiwan Memory Technology

  1N4001S_16 Datasheet HTML 1Page - Taiwan Memory Technology 1N4001S_16 Datasheet HTML 2Page - Taiwan Memory Technology 1N4001S_16 Datasheet HTML 3Page - Taiwan Memory Technology 1N4001S_16 Datasheet HTML 4Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
*: Optional available
PART NO.
1N4007S
(TA=25°C unless otherwise noted)
Document Number: DS_D1402005
Version: F15
RATINGS AND CHARACTERISTICS CURVES
1N4007S A0G
A0
G
Green compound
B0
1K / Bulk packing
Note 1: "x" defines voltage from 50V (1N4001S) to 1000V (1N4007S)
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
1N400xS
(Note 1)
A0
A-405
3K / AMMO box (52mm tape)
R0
5K / 13" Reel
G
A-405
3K / AMMO box (26mm tape)
A-405
A1
A-405
1N4001S - 1N4007S
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
PACKING CODE
SUFFIX (*)
PACKAGE
PACKING
0
0.2
0.4
0.6
0.8
1
1.2
0
25
50
75
100
125
150
AMBIENT TEMPERATURE(oC)
FIG.1 MAXMUM FORWARD CURRENT DERATING
CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=125°C
TJ=25°C
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle


Numéro de pièce similaire - 1N4001S_16

FabricantNo de pièceFiches techniqueDescription
logo
Chongqing Pingwei Enter...
1N4001S CHONGQING-1N4001S_16 Datasheet
178Kb / 1P
   1.0AMP . SILICON RECTIFIERS
logo
Diotec Semiconductor
1N4001S DIOTEC-1N4001S_16 Datasheet
141Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Description similaire - 1N4001S_16

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Memory Technolog...
1T1G TMT-1T1G_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
1N4001G TMT-1N4001G_16 Datasheet
172Kb / 4P
   1A, 50V - 1000V Glass Passivated Rectifiers
S1A TMT-S1A_16 Datasheet
364Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
S1AB TMT-S1AB_16 Datasheet
189Kb / 4P
   1A, 50V - 1000V Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
DBLS101G TSC-DBLS101G_16 Datasheet
208Kb / 4P
   1A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400_16 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
logo
Harris Corporation
A14A HARRIS-A14A Datasheet
302Kb / 3P
   1A, 50V - 1000V Diode
December 1993
logo
Taiwan Semiconductor Co...
HER101SG TSC-HER101SG_15 Datasheet
385Kb / 4P
   1A, 50V - 1000V Glass Passivated High Efficient Rectifiers
logo
Taiwan Memory Technolog...
FR101G TMT-FR101G_16 Datasheet
351Kb / 4P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
1N4001G-K TSC-1N4001G-K Datasheet
391Kb / 5P
   1A, 50V - 1000V Standard Rectifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com