Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

UF07B Datasheet(Fiches technique) 1 Page - Nanjing International Group Co

Numéro de pièce UF07B
Description  1 Amp Ultra Fast Recovery
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

UF07B Datasheet(HTML) 1 Page - Nanjing International Group Co

  UF07B Datasheet HTML 1Page - Nanjing International Group Co UF07B Datenblatt HTML 2Page - Nanjing International Group Co UF07B Datenblatt HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UF
07A THRU UF07M
Recovery
Silicon Rectifier
50 to 1000 Volts
Features
Low Cost
Ultra fast Recovery
High Reliability
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0 and MSL Rating 1
Maximum Ratings
Operating Temperature: -65 C to +150 C
Storage Temperature: -65 C to +150 C
Maximum Thermal Resistance; 180 C/W Junction To Ambient.
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
UF
07A
U1
50V
35V
50V
UF
07B
U2
100V
70V
100V
UF
07D
U3
200V
140V
200V
UF
07G
U4
400V
280V
400V
UF
07J
U5
600V
420V
600V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 90 C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
UF
07A-07D
UF
07G
UF
07J-07M
VF
1.0V
1.40V
1.70V
IFM = 1.0A;
Ta = 25 C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 A
50 A
Ta = 25 C
Ta = 125 C
Maximum Reverse
Recovery Time
Typical Junction
Capacitance
CJ
20pF
Measured at
1.0MHz, VR=4.0V
SOD-123FL
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
A
B
E
C
D
H
G
UF
07A-07D
UF
07G
U07J-07M
Trr
35ns
50ns
75ns
IF = 0.5A,IR=1.0A,
Trr= 0.25
Α
UF
07K
U6
800V
560V
800V
UF
07M
U7
1000V
700V
1000V
1 Amp Ultra Fast Recovery


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn