Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD12ZU2GA472MYKA Fiches technique(PDF) 2 Page - TDK Electronics

No de pièce CD12ZU2GA472MYKA
Description  High Voltage Ceramic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

CD12ZU2GA472MYKA Fiches technique(HTML) 2 Page - TDK Electronics

  CD12ZU2GA472MYKA Datasheet HTML 1Page - TDK Electronics CD12ZU2GA472MYKA Datasheet HTML 2Page - TDK Electronics CD12ZU2GA472MYKA Datasheet HTML 3Page - TDK Electronics CD12ZU2GA472MYKA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(1/3)
006-01 / 20130207 / leaddisc_commercial_cd_en.fm
• All specifications are subject to change without notice.
Disc Type Capacitors with Lead
High Voltage Ceramic Capacitors
Commercial Grade
Safety Standard Approved
CD Series
REINFORCED INSULATION TYPE
CLASS 2 HIGH DIELECTRIC
FEATURES
• Compliant with IEC and the safety standards of various coun-
tries.
• This ceramic capacitor meets reinforced insulation's Safety
Standards.
Since it is rated at a withstand voltage of AC.4000V, it can be
used in single-unit configurations within European Class II
devices.
• Flame-resistant reinforced outer insulation prevents fires, electri-
cal shock, and other potential hazards.
• Compatible with halogen-free external resin coating.
OPERATING TEMPERATURE RANGE: –25 to +125°C
TEMPERATURE CHARACTERISTICS AND TOLERANCE
PRODUCT IDENTIFICATION
(1) Type
(2) Shape
(3) Temperature characteristics
(4) Rated voltage
(5) Nominal capacitance
(6) Capacitance tolerance
(7) Class
(8) Lead type
(9) Safety standard
(10) Halogen-free compatible product
Conformity to RoHS Directive
Temperature characteristics
Test temperature
range
Capacitance
tolerance
SL (+350 to –1000ppm/°C)
+20 to +85°C
J (±5%)
B (±10%)
–25 to +85°C
K (±10%)
Z5U (+22, –56%)
+10 to +85°C
M (±20%)
CD 90 ZU 2GA 222 M
Y
N
K
A
(1) (2) (3)
(4)
(5)
(6) (7) (8) (9) (10)
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Numéro de pièce similaire - CD12ZU2GA472MYKA

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CD12ZU2GA472MYKA TDK-CD12ZU2GA472MYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD12ZU2GA472MYKA TDK-CD12ZU2GA472MYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD12ZU2GA472MYKA TDK-CD12ZU2GA472MYKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
More results

Description similaire - CD12ZU2GA472MYKA

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
CD90ZU2GA222MYGKA TDK-CD90ZU2GA222MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD70-B2GA151KYGKA TDK-CD70-B2GA151KYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
CD80ZU2GA152MYGKA TDK-CD80ZU2GA152MYGKA Datasheet
59Kb / 4P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
C41E2 MURATA-C41E2 Datasheet
310Kb / 20P
   HIGH VOLTAGE CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com