Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZW04-239 Fiches technique(PDF) 2 Page - Diotec Semiconductor

No de pièce BZW04-239
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTEC [Diotec Semiconductor]
Site Internet  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BZW04-239 Fiches technique(HTML) 2 Page - Diotec Semiconductor

  BZW04-239 Datasheet HTML 1Page - Diotec Semiconductor BZW04-239 Datasheet HTML 2Page - Diotec Semiconductor BZW04-239 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
F:\Data\Wp\DatBlatt\Einzelblätter\bzw04.wpd
BZW 04-5V8 ... BZW 04-376B
Maximum ratings
Grenzwerte
Type
Typ
Stand-off
voltage
Sperrspanng
Max. rev. current
Max. Sperrstrom
at / bei V
WM
Breakdown voltage at I
T = 1 mA
Abbruch-Spannung bei I
T = 1 mA
*) at / bei I
T = 10 mA
Max. clamping voltage
Max. Begrenzer-Spanng
at / bei I
PPM (10/1000
:s)
V
WM [V]
I
D [
:A]
V
BR min. [V]
V
BR max. [V]
V
C [V]
I
PPM [A]
BZW 04-5V8
5.8
1000
6.8 ± 5%
6.45...7.14 *)
10.5
38.0
BZW 04-6V4
6.4
500
7.5 ± 5%
7.13...7.88 *)
11.3
35.4
BZW 04-7V0
7.02
200
8.2 ± 5%
7.79...8.61 *)
12.1
33.0
BZW 04-7V8
7.78
50
9.1 ± 5%
8.65...9.55
13.4
30.0
BZW 04-8V5
8.55
10
10 ± 5%
9.5...10.5
14.5
27.6
BZW 04-9V4
9.4
5
11 ± 5%
10.5...11.6
15.6
25,7
BZW 04-10
10.2
5
12 ± 5%
11.4...12.6
16.7
24.0
BZW 04-11
11.1
5
13 ± 5%
12.4...13.7
18.2
22.0
BZW 04-13
12.8
5
15 ± 5%
14.3...15.8
21.2
19.0
BZW 04-14
13.6
5
16 ± 5%
15.2...16.8
22.5
17.8
BZW 04-15
15.3
5
18 ± 5%
17.1...18.9
25.2
16.0
BZW 04-17
17.1
5
20 ± 5%
19.0...21.0
27.7
14.5
BZW 04-19
18.8
5
22 ± 5%
20.9...23.1
30.6
13.0
BZW 04-20
20.5
5
24 ± 5%
22.8...25.2
33.2
12.0
BZW 04-23
23.1
5
27 ± 5%
25.7...28.4
37.5
10.7
BZW 04-26
25,6
5
30 ± 5%
28.5...31.5
41.5
9.6
BZW 04-28
28.2
5
33 ± 5%
31.4...34.7
45.7
8.8
BZW 04-31
30.8
5
36 ± 5%
34.2...37.8
49.9
8.0
BZW 04-33
33.3
5
39 ± 5%
37.1...41.0
53.9
7.4
BZW 04-37
36.8
5
43 ± 5%
40.9...45.2
59.3
6.7
BZW 04-40
40.2
5
47 ± 5%
44.7...49.4
64.8
6.2
BZW 04-44
43.6
5
51 ± 5%
48.5...53.6
70.1
5.7
BZW 04-48
47.8
5
56 ± 5%
53.2...58.8
77.0
5.2
BZW 04-53
53.0
5
62 ± 5%
58.9...65.1
85.0
4.7
BZW 04-58
58.1
5
68 ± 5%
64.6...71.4
92.0
4.3
BZW 04-64
64.1
5
75 ± 5%
71.3...78.8
103
3.9
BZW 04-70
70.1
5
82 ± 5%
77.9...86.1
113
3.5
BZW 04-78
77.8
5
91 ± 5%
86.5...95.5
125
3.2
BZW 04-85
85.8
5
100 ± 5%
95.0...105
137
2.9
BZW 04-94
94.0
5
110 ± 5%
105...116
152
2.6
BZW 04-102
102
5
120 ± 5%
114...126
165
2.4
BZW 04-111
111
5
130 ± 5%
124...137
179
2.2
BZW 04-128
128
5
150 ± 5%
143...158
207
2.0
BZW 04-136
136
5
160 ± 5%
152...168
219
1.8
BZW 04-145
145
5
170 ± 5%
162...179
234
1.7
BZW 04-154
154
5
180 ± 5%
171...189
246
1.6
BZW 04-171
171
5
200 ± 5%
190...210
274
1.5
BZW 04-188
188
5
220 ± 5%
209...231
301
1.4
BZW 04-213
213
5
250 ± 5%
237...263
344
1.3
BZW 04-239
239
5
280 ± 5%
266...294
384
1.2
BZW 04-256
256
5
300 ± 5%
285...315
414
1.1
BZW 04-273
273
5
320 ± 5%
304...336
438
1.0
BZW 04-299
299
5
350 ± 5%
332...368
482
0.9
BZW 04-342
342
5
400 ± 5%
380...420
548
0.9
BZW 04-376
376
5
440 ± 5%
418...462
603
0.8


Numéro de pièce similaire - BZW04-239

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
BZW04-239 EIC-BZW04-239 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
BZW04-239 TSC-BZW04-239 Datasheet
209Kb / 6P
   Transient Voltage Suppressor
logo
General Semiconductor
BZW04-239 GE-BZW04-239 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
BZW04-239 SUNMATE-BZW04-239 Datasheet
509Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
logo
Semikron International
BZW04-239 SEMIKRON-BZW04-239 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Description similaire - BZW04-239

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com