Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PZTA44G Fiches technique(PDF) 4 Page - Nanjing International Group Co

No de pièce PZTA44G
Description  NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DGNJDZ [Nanjing International Group Co]
Site Internet  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

PZTA44G Fiches technique(HTML) 4 Page - Nanjing International Group Co

  PZTA44G Datasheet HTML 1Page - Nanjing International Group Co PZTA44G Datasheet HTML 2Page - Nanjing International Group Co PZTA44G Datasheet HTML 3Page - Nanjing International Group Co PZTA44G Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PZTA44/45
NPN SILICON TRANSISTOR
4 of 4
TYPICAL CHARACTERISTICS(Cont.)
Collector Current, Ic (mA)
Collector-Emitter Voltage, VCE(V)
10
1
10
2
10
3
10
0
10
-1
10
2
10
3
10
4
10
1
10
0
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
Fig.7 High Frequency Current Gain
Fig.8 Safe Operating Area
VCE=10V
f=10MHz
TA=25°C
10
4
Valid Duty
Cycle<10%
1s
1ms
0.1ms
PZTA44
DONGGUAN NANJING ELECTRONICS LTD.,


Numéro de pièce similaire - PZTA44G

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
207Kb / 4P
   NPN SILICON TRANSISTOR
logo
Unisonic Technologies
PZTA44G-AA3-R UTC-PZTA44G-AA3-R Datasheet
112Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR
PZTA44G-AA3-R UTC-PZTA44G-AA3-R Datasheet
112Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR
logo
Nanjing International G...
PZTA44G-AA3-R DGNJDZ-PZTA44G-AA3-R Datasheet
207Kb / 4P
   NPN SILICON TRANSISTOR
PZTA44G DGNJDZ-PZTA44G_V01 Datasheet
207Kb / 4P
   NPN SILICON TRANSISTOR
More results

Description similaire - PZTA44G

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com