Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYP35K05 Fiches technique(PDF) 1 Page - Diotec Semiconductor

No de pièce BYP35K05
Description  Silicon Press-Fit-Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTEC [Diotec Semiconductor]
Site Internet  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BYP35K05 Fiches technique(HTML) 1 Page - Diotec Semiconductor

  BYP35K05 Datasheet HTML 1Page - Diotec Semiconductor BYP35K05 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Max. case temperature T
C = 150
/C – Max. Gehäusetemperatur T
C = 150
/C
78
28.02.2002
BYP 35A05 ... BYP 35A6
BYP 35K05 ... BYP 35K6
Silicon Press-Fit-Diodes
Silizium-Einpreßdioden
High-temperature diodes
Hochtemperaturdioden
Nominal current – Nennstrom
35 A
Repetitive peak reverse voltage
50…600 V
Periodische Spitzensperrspannung
Metal press-fit case with plastic cover
Metall-Einpreßgehäuse mit Plastik-Abdeckung
Weight approx. – Gewicht ca.
10 g
Casting compound has UL classification 94V-0
Vergußmasse UL94V-0 klassifiziert
Dimensions / Maße in mm
Standard packaging: bulk
Standard Lieferform: lose im Karton
Maximum ratings
Grenzwerte
Type / Typ
Wire to / Draht an
Anode
Cathode
Repetitive peak reverse voltage
Periodische Spitzensperrspanng.
V
RRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
V
RSM [V]
BYP 35A05
BYP 35K05
50
60
BYP 35A1
BYP 35K1
100
120
BYP 35A2
BYP 35K2
200
240
BYP 35A3
BYP 35K3
300
360
BYP 35A4
BYP 35K4
400
480
BYP 35A6
BYP 35K6
600
700
Max. average forward rectified current, R-load
T
C = 150
/CI
FAV
35 A
Dauergrenzstrom in Einwegschaltung mit R-Last
Repetitive peak forward current
f > 15 Hz
I
FRM
110 A 1)
Periodischer Spitzenstrom
Peak forward surge current, 50 / 60 Hz half sine-wave
T
A = 25
/CI
FSM
360 / 400 A
Stoßstrom für eine 50 / 60 Hz Sinus-Halbwelle
Rating for fusing – Grenzlastintegral, t <10 ms
T
A = 25
/Ci2t
660 A2s
Operating junction temperature – Sperrschichttemperatur
T
j
– 50...+215
/C
Storage temperature – Lagerungstemperatur
T
S
– 50...+215
/C
Maximum pressure – Maximaler Einpreßdruck
7 kN


Numéro de pièce similaire - BYP35K05

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
BYP35K05 DIOTEC-BYP35K05 Datasheet
157Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35K05 SAMYANG-BYP35K05 Datasheet
412Kb / 2P
   SILICON PRESS-FIT DIODES
More results

Description similaire - BYP35K05

FabricantNo de pièceFiches techniqueDescription
logo
Semikron International
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
   Silicon Press-Fit-Diodes
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
   Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
   SILICON PRESS-FIT DIODES
ZQ50A2L2 BILIN-ZQ50A2L2 Datasheet
174Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Semikron International
BYP60A05 SEMIKRON-BYP60A05_06 Datasheet
292Kb / 2P
   Silicon Press-Fit-Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35 SAMYANG-BYP35 Datasheet
412Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Semikron International
BYP25A05 SEMIKRON-BYP25A05 Datasheet
295Kb / 2P
   Silicon Press-Fit-Diodes
KYZ25A05 SEMIKRON-KYZ25A05 Datasheet
243Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
KYW25A05 DIOTEC-KYW25A05 Datasheet
181Kb / 2P
   Silicon Press-Fit-Diodes
KYZ35A05 DIOTEC-KYZ35A05 Datasheet
179Kb / 2P
   Silicon Press-Fit-Diodes
logo
Semikron International
KYW25A05 SEMIKRON-KYW25A05 Datasheet
252Kb / 2P
   Silicon Press-Fit-Diodes
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com