Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7779ACPZ Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD7779ACPZ
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD7779ACPZ Datasheet HTML 6Page - Analog Devices AD7779ACPZ Datasheet HTML 7Page - Analog Devices AD7779ACPZ Datasheet HTML 8Page - Analog Devices AD7779ACPZ Datasheet HTML 9Page - Analog Devices AD7779ACPZ Datasheet HTML 10Page - Analog Devices AD7779ACPZ Datasheet HTML 11Page - Analog Devices AD7779ACPZ Datasheet HTML 12Page - Analog Devices AD7779ACPZ Datasheet HTML 13Page - Analog Devices AD7779ACPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 10 of 97
SPI TIMING CHARACTERISTISTICS
AVDD1x/AVSSx = ±1.65 V, 3.3 V/AGND, AVDD2 − AVSSx = 2.2 V to 3.6 V; IOVDD = 1.8 V to 3.6 V; DGND = 0 V, REFx+/REFx− =
2.5 V (internal/external), MCLK = 8192 kHz; all specifications at TMIN to TMAX, unless otherwise noted.
Table 3.
Parameter
Description1
Test Conditions/Comments
Min
Typ
Max
Unit
t12
SCLK Period
50:50
30
MHz
t13
SCLK Low Time
7
ns
t14
SCLK High Time
7
ns
t15
SCLK Rising Edge to CS Falling Edge
10
ns
t16
CS Falling Edge to SCLK Rising Edge
10
ns
t17
SCLK Rising Edge to CS Rising Edge
10
ns
t18
CS Rising Edge to SCLK Rising Edge
10
ns
t19
Minimum CS High Time
10
ns
t20
SDI Setup Time
5
ns
t21
SDI Hold Time
5
ns
t22A
CS Falling Edge to SDO Enable (SPI = Mode 0)
30
ns
t22B
SCLK Falling Edge to SDO Enable (SPI = Mode 1)
49
ns
t23
SDO Setup Time
10
ns
t24
SDO Hold Time
10
ns
t25
CS Rising Edge to SDO Disable
30
ns
1 All input signals are specified with tR = tF = 1 ns/V (10% to 90% of IOVDD) and timed from a voltage level of (VIL + VIH)/2.
CS
SCLK
MSB
MSB – 1
LSB + 1
LSB
SDI
MSB
MSB – 1
LSB + 1
LSB
SDO
t15
t16
t13
t14
t20
t22A
t21
t24
t23
t22B
t12
t19
t17
t18
t25
Figure 3. SPI Control Interface Timing Diagram


Numéro de pièce similaire - AD7779ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7779ACPZ AD-AD7779ACPZ Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779ACPZ-RL AD-AD7779ACPZ-RL Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
More results

Description similaire - AD7779ACPZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770 Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com