Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7761BSTZ-RL7 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce AD7761BSTZ-RL7
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ-RL7 Fiches technique(HTML) 5 Page - Analog Devices

  AD7761BSTZ-RL7 Datasheet HTML 1Page - Analog Devices AD7761BSTZ-RL7 Datasheet HTML 2Page - Analog Devices AD7761BSTZ-RL7 Datasheet HTML 3Page - Analog Devices AD7761BSTZ-RL7 Datasheet HTML 4Page - Analog Devices AD7761BSTZ-RL7 Datasheet HTML 5Page - Analog Devices AD7761BSTZ-RL7 Datasheet HTML 6Page - Analog Devices AD7761BSTZ-RL7 Datasheet HTML 7Page - Analog Devices AD7761BSTZ-RL7 Datasheet HTML 8Page - Analog Devices AD7761BSTZ-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
Data Sheet
AD7761
Rev. 0 | Page 5 of 69
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
EXTERNAL REFERENCE
Reference Voltage
VREF = (REFx+) − (REFx−)
1
AVDD1 − AVSS
V
Absolute Reference Voltage Limits2
Precharge reference buffers off
AVSS −
0.05
AVDD1 + 0.05
V
Precharge reference buffers on
AVSS
AVDD1
V
Average Reference Current
Fast mode
Precharge reference buffers off
±72
μA/V/channel
Precharge reference buffers on
±16
μA/V/channel
Average Reference Current Drift
Fast mode
Precharge reference buffers off
±1.7
nA/V/°C
Precharge reference buffers on
±49
nA/V/°C
Common-Mode Rejection
95
dB
DIGITAL FILTER RESPONSE
Low Ripple Wideband Filter
FILTER = 0
Decimation Rate
Up to six selectable decimation rates
32
1024
Group Delay
Latency
34/ODR
sec
Settling Time
Complete settling
68/ODR
sec
Pass-Band Ripple2
±0.005
dB
Pass Band
±0.005 dB bandwidth
0.4 × ODR
Hz
−0.1 dB bandwidth
0.409 × ODR
Hz
−3 dB bandwidth
0.433 × ODR
Hz
Stop Band Frequency
Attenuation > 105 dB
0.499 × ODR
Hz
Stop Band Attenuation
105
dB
Sinc5 Filter
FILTER = 1
Decimation Rate
Up to six selectable decimation rates
32
1024
Group Delay
Latency
3/ODR
sec
Settling Time
Complete settling
7/ODR
sec
Pass Band
−3 dB bandwidth
0.204 × ODR
Hz
REJECTION
AC Power Supply Rejection Ratio
(PSRR)
VIN = 0.1 V, AVDD1 = 5 V, AVDD2 =
5 V, IOVDD = 2.5 V
AVDD1
90
dB
AVDD2
100
dB
IOVDD
75
dB
DC PSRR
VIN = 1 V
AVDD1
100
dB
AVDD2
118
dB
IOVDD
90
dB
Analog Input Common-Mode
Rejection Ratio (CMRR)
DC
VIN = 0.1 V
95
dB
AC
Up to 10 kHz
95
dB
Crosstalk
−0.5 dBFS input on adjacent channels
−120
dB
CLOCK
Crystal Frequency
8
32.768
34
MHz
External Clock (MCLK)
See the Clock Selection section
32.768
MHz
Duty Cycle
For data sheet performance
50:50
%
MCLK Pulse Width2
Functionality
Logic Low
12.2
ns
Logic High
12.2
ns
CMOS Clock Input Voltage
See the logic inputs parameter
High, VINH
Low, VINL


Numéro de pièce similaire - AD7761BSTZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7761BSTZ-RL7 AD-AD7761BSTZ-RL7 Datasheet
1Mb / 76P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
More results

Description similaire - AD7761BSTZ-RL7

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7761 AD-AD7761_17 Datasheet
1Mb / 76P
   8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
AD7768 AD-AD7768 Datasheet
2Mb / 99P
   8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz BW
AD7779 AD-AD7779 Datasheet
1Mb / 97P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770 Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7779 AD-AD7779_16 Datasheet
1Mb / 101P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com