Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BFN22 Fiches technique(PDF) 1 Page - Diotec Semiconductor

No de pièce BFN22
Description  Surface mount Si-Epitaxial PlanarTransistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIOTEC [Diotec Semiconductor]
Site Internet  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BFN22 Fiches technique(HTML) 1 Page - Diotec Semiconductor

  BFN22 Datasheet HTML 1Page - Diotec Semiconductor BFN22 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1) Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluß
2) Tested with pulses t
p = 300
:s, duty cycle # 2% – Gemessen mit Impulsen t
p = 300
:s, Schaltverhältnis # 2%
6
01.11.2003
BFN 22
High Voltage Transistors
NPN
Surface mount Si-Epitaxial PlanarTransistors
Si-Epitaxial PlanarTransistoren für die Oberflächenmontage
NPN
Power dissipation – Verlustleistung
250 mW
Plastic case
SOT-23
Kunststoffgehäuse
(TO-236)
Weight approx. – Gewicht ca.
0.01 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Dimensions / Maße in mm
1 = B
2 = E
3 = C
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (T
A = 25
/C)
Grenzwerte (T
A = 25
/C)
BFN 22
Collector-Emitter-voltage
B open
V
CE0
250 V
Collector-Base-voltage
E open
V
CB0
250 V
Collector-Emitter-voltage
R
BE = 2.7 k
S V
CER
250 V
Emitter-Base-voltage
C open
V
EB0
5 V
Power dissipation – Verlustleistung
P
tot
250 mW 1)
Collector current – Kollektorstrom (dc)
I
C
50 mA
Peak Collector current – Kollektor-Spitzenstrom
I
CM
100 mA
Junction temperature – Sperrschichttemperatur
T
j
150
/C
Storage temperature – Lagerungstemperatur
T
S
- 65…+ 150
/C
Characteristics (T
j = 25
/C)
Kennwerte (T
j = 25
/C)
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektorreststrom
I
E = 0, VCB = 200 V
I
CB0
100 nA
I
E = 0, VCB = 200 V, Tj = 150
/CI
CB0
20
:A
Emitter-Base cutoff current – Emitterreststrom
I
C = 0, VEB = 5 V
I
EB0
100 nA
Collector saturation volt. – Kollektor-Sättigungsspg. 2)
I
C = 10 mA, IB = 1 mA
V
CEsat
500 mV


Numéro de pièce similaire - BFN22

FabricantNo de pièceFiches techniqueDescription
logo
Siemens Semiconductor G...
BFN22 SIEMENS-BFN22 Datasheet
127Kb / 4P
   NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage)
More results

Description similaire - BFN22

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
BC856W DIOTEC-BC856W Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW29 DIOTEC-BCW29 Datasheet
180Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCW67 DIOTEC-BCW67 Datasheet
182Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BF599 DIOTEC-BF599 Datasheet
171Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BF720 DIOTEC-BF720 Datasheet
169Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
MMBT2222 DIOTEC-MMBT2222 Datasheet
60Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC846W DIOTEC-BC846W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCP28 DIOTEC-BCP28 Datasheet
269Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com