Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SBW-5089 Fiches technique(PDF) 5 Page - RF Micro Devices

No de pièce SBW-5089
Description  MMIC AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBW-5089 Fiches technique(HTML) 5 Page - RF Micro Devices

  SBW-5089 Datasheet HTML 1Page - RF Micro Devices SBW-5089 Datasheet HTML 2Page - RF Micro Devices SBW-5089 Datasheet HTML 3Page - RF Micro Devices SBW-5089 Datasheet HTML 4Page - RF Micro Devices SBW-5089 Datasheet HTML 5Page - RF Micro Devices SBW-5089 Datasheet HTML 6Page - RF Micro Devices SBW-5089 Datasheet HTML 7Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5 of
7
DS150923
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBW-5089(Z)
Application Circuit Schematic
Application Circuit Layout
Application Circuit Element Values
Recommended Bias Resistance for ID=80mA
Reference Designator
100MHz
500MHz
850MHz
1950MHz 2400MHz 3500MHz
CB
1000pF
220pF
100pF
68pF
56pF
39pF
CD
100pF
100pF
68pF
22pF
22pF
15pF
LC
470nH
68 nH
33nH
22nH
18nH
15nH
Supply Voltage (VS) (Volts)
<7
7
7.5
8
9
10
12
Bias Resistance* (
)
N/R
26
33
39
52
64
89
RF in
RF out
1 uF
C
B
C
B
C
D
V
S
R
BIAS
L
C
1
2
3
4
1000
pF
SW-5089
R
LD C
Bias
Inductor
V
D
I
D


Numéro de pièce similaire - SBW-5089

FabricantNo de pièceFiches techniqueDescription
logo
SIRENZA MICRODEVICES
SBW-5089 SIRENZA-SBW-5089 Datasheet
463Kb / 7P
   DC-8 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBW-5089 SIRENZA-SBW-5089 Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBW-5089 RFMD-SBW-5089 Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
SBW-5089-Z RFMD-SBW-5089-Z Datasheet
620Kb / 8P
   DCto8GHz CASCADABLE InGaP/GaAs HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SBW-5089Z SIRENZA-SBW-5089Z Datasheet
988Kb / 6P
   Product Description InGaP/GaAs HBT MMIC Amplifier
More results

Description similaire - SBW-5089

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
HMC752LC4 AD-HMC752LC4 Datasheet
434Kb / 8P
   MMIC AMPLIFIER AMPLIFIER
logo
Advanced Semiconductor ...
ASL13C ASB-ASL13C_17 Datasheet
965Kb / 13P
   MMIC Amplifier
April 2017
ASW105 ASB-ASW105_17 Datasheet
858Kb / 7P
   MMIC Amplifier
April 2017
ASW212 ASB-ASW212 Datasheet
1Mb / 11P
   MMIC Amplifier
April 2017
ASW314 ASB-ASW314 Datasheet
1Mb / 23P
   MMIC Amplifier
February 2017
logo
ON Semiconductor
SMA3117 ONSEMI-SMA3117 Datasheet
643Kb / 7P
   MMIC Amplifier
August, 2013
logo
Advanced Semiconductor ...
ASW204 ASB-ASW204_17 Datasheet
1Mb / 16P
   MMIC Amplifier
April 2017
ASW215 ASB-ASW215_17 Datasheet
956Kb / 9P
   MMIC Amplifier
April 2017
ASW205 ASB-ASW205 Datasheet
1Mb / 17P
   MMIC Amplifier
April 20173
AST11L ASB-AST11L_17 Datasheet
496Kb / 8P
   MMIC Amplifier
April 2017
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com