Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4030AI-4.1 Fiches technique(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM4030AI-4.1
Description  Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4030AI-4.1 Fiches technique(HTML) 22 Page - National Semiconductor (TI)

Back Button LM4030AI-4.1 Datasheet HTML 18Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 19Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 20Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 21Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 22Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 23Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 24Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 25Page - National Semiconductor (TI) LM4030AI-4.1 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Timing Diagrams (Continued)
ADC12038 Software Power Up/Down with CS Continuously Low and 16-Bit Digital Output Format
01135431
ADC12038 Hardware Power Up/Down
01135432
Note: Hardware power up/down may occur at any time. If PD is high while a conversion is in progress that conversion will be corrupted and erroneous data will
be stored in the output shift register.
www.national.com
22


Numéro de pièce similaire - LM4030AI-4.1

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4030AMF-2.5 NSC-LM4030AMF-2.5 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
logo
Texas Instruments
LM4030AMF-2.5/NOPB TI-LM4030AMF-2.5/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
logo
National Semiconductor ...
LM4030AMF-4.096 NSC-LM4030AMF-4.096 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
logo
Texas Instruments
LM4030AMF-4.096/NOPB TI-LM4030AMF-4.096/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
logo
National Semiconductor ...
LM4030AMFX-2.5 NSC-LM4030AMFX-2.5 Datasheet
379Kb / 14P
   Ultra-High Precision Shunt Voltage Reference
More results

Description similaire - LM4030AI-4.1

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12L030 NSC-ADC12L030 Datasheet
828Kb / 36P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12L030 NSC-ADC12L030_06 Datasheet
1Mb / 35P
   3.3V Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130_14 Datasheet
2Mb / 52P
[Old version datasheet]   ADC12130/ADC12132/ADC12138 Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC1251 NSC-ADC1251 Datasheet
301Kb / 16P
   Self-Calibrating 12-Bit Plus Sign A/D Converter with Sample-and-Hold
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com