Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD4016M164RQB-5 Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers

No de pièce AD4016M164RQB-5
Description  Low voltage operation is more suitable to be used on battery backup, portable electronic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

AD4016M164RQB-5 Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AD4016M164RQB-5 Datasheet HTML 20Page - List of Unclassifed Manufacturers AD4016M164RQB-5 Datasheet HTML 21Page - List of Unclassifed Manufacturers AD4016M164RQB-5 Datasheet HTML 22Page - List of Unclassifed Manufacturers AD4016M164RQB-5 Datasheet HTML 23Page - List of Unclassifed Manufacturers AD4016M164RQB-5 Datasheet HTML 24Page - List of Unclassifed Manufacturers AD4016M164RQB-5 Datasheet HTML 25Page - List of Unclassifed Manufacturers AD4016M164RQB-5 Datasheet HTML 26Page - List of Unclassifed Manufacturers AD4016M164RQB-5 Datasheet HTML 27Page - List of Unclassifed Manufacturers AD4016M164RQB-5 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
Rev.1
Page 27
Ordering information
AD404M42VSA-5
• AD
• Ascend Memory Product
40
• Device Type
• 4M4
• Density and Organization
• 2
• Refresh Rate, 2: 2K Refresh
• V
• T: 5V, V: 3.3V
• S
• Package Type (S : SOJ, T : TSOP II)
• A
• Version
• 5
• Speed (5: 50 ns, 6: 60 ns)
Part Number
Access time
Package
AD404M42VSA-5
AD404M42VSA-6
AD404M42VTA-5
AD404M42VTA-6
50 ns
60 ns
50 ns
60 ns
300mil 26/24-Pin
Plastic SOJ
TSOP II
Packaging information
300 mil, 26/24-Pin Plastic SOJ
SEATING PLANE
4-e
e
b
b2
0.007"M
C
L
0.025" MIN.
0.004"
SECTION B-B
E2
A
RAD R1
A1
B
B
D
26
21
E
E1
19
14
BASE METAL
WITH PLATING
c1 c
b1
b
0.267 BASIC
0.335 BASIC
0.050 BASIC
R1
e
E1
E2
6.78 BASIC
1.27 BASIC
0.76
---
7.49
7.62
1.02
0.030
7.75
0.295
17.02
b
D
E
c1
b2
c
b1
A1
A
DIM
0.51
0.41
0.016
8.51 BASIC
0.18
17.15
---
0.66
0.18
0.41
---
---
0.46
17.27
0.28
0.670
0.007
0.81
0.30
0.48
0.007
0.026
0.016
MILLIMETERS
MIN.
NOM.
2.08
3.25
---
---
3.51
MAX.
MIN.
---
3.76
0.082
0.128
0.305
0.040
---
0.300
0.020
0.032
0.019
0.012
0.680
0.011
0.675
---
0.018
---
---
MAX.
0.148
---
NOM.
---
0.138
---
INCHES
2. DIMENSION D DOES NOT INCLUDE MOLD PROTRUSION.
DIMENSION E1 DOES NOT INCLUDE INTERLEAD PROTRUSION.
MOLD PROTRUSION SHALL NOT EXCEED 0.006"(0.15mm) PER SIDE.
INTERLEAD PROTRUSION SHALL NOT EXCEED 0.01"(0.25mm) PER SIDE.
1. CONTROLLING DIMENSION : INCHES
NOTE:
3. DIMENSION b2 DOES NOT INCLUDE DAMBAR PROTRUSION OR
TO LESS THAN 0.001"(0.025mm) BELOW b2 MIN.
DAMBAR INTRUSION SHALL NOT REDUCE THE SHOULDER WIDTH
SHOULDER WIDTH TO EXCEED b2 MAX BY MORE THAN 0.005"(0.127mm)
INTRUSION. DAMBAR PROTRUSION SHALL NOT CAUSE THE
1
6
8
13
A2
A2
2.54 REF.
0.100 REF.


Numéro de pièce similaire - AD4016M164RQB-5

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD4010 AD-AD4010 Datasheet
599Kb / 36P
   Precision, Pseudo Differential, SAR ADCs
AD4011 AD-AD4011 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
AD4011BCPZ-RL7 AD-AD4011BCPZ-RL7 Datasheet
1Mb / 38P
   Precision, Differential SAR ADCs
More results

Description similaire - AD4016M164RQB-5

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74ALVC2G04 HITACHI-HD74ALVC2G04 Datasheet
89Kb / 10P
   Low voltage and high speed operation is suitable for the battery powered products
logo
JMK Inc.
AA-1113-1 JMK-AA-1113-1 Datasheet
27Kb / 1P
   battery charger is designed to provide charging capability for lead acid batteries used as backup batteries for vehicular electronic systems
logo
Silicon Laboratories
EFM32WG390 SILABS-EFM32WG390 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG990 SILABS-EFM32WG990 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG380 SILABS-EFM32WG380 Datasheet
2Mb / 82P
   Operation from backup battery when main power drains out
EFM32WG942 SILABS-EFM32WG942 Datasheet
2Mb / 78P
   Operation from backup battery when main power drains out
EFM32WG332 SILABS-EFM32WG332 Datasheet
2Mb / 76P
   Operation from backup battery when main power drains out
EFM32WG360 SILABS-EFM32WG360 Datasheet
1Mb / 75P
   Operation from backup battery when main power drains out
EFM32WG980 SILABS-EFM32WG980 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
EFM32WG995 SILABS-EFM32WG995 Datasheet
2Mb / 85P
   Operation from backup battery when main power drains out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com