Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9222004500 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce 9222004500
Description  RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

9222004500 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  9222004500 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9222004500 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9222004500 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
9222 Coax - 50 Ohm Triax
Overall Nominal Diameter
.240 in.
MECHANICAL CHARACTERISTICS:
Operating Temperature Range
-40°C To +75°C
Non-UL Temperature Rating
75°C
Bulk Cable Weight
37.2 lbs/1000 ft.
Max. Recommended Pulling Tension
83 lbs.
Min. Bend Radius (Install)
2.5 in.
APPLICABLE SPECIFICATIONS AND AGENCY COMPLIANCE:
APPLICABLE STANDARDS:
EU CE Mark (Y/N)
Yes
EU RoHS Compliant (Y/N)
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
PLENUM/NON-PLENUM:
Plenum (Y/N)
N
ELECTRICAL CHARACTERISTICS:
Nom. Characteristic Impedance
50 Ohms
Nom. Inductance
.077 µH/ft
Nom. Capacitance Conductor to Shield
30.8 pF/ft
Nominal Velocity of Propagation
66 %
Nom. Conductor DC Resistance @ 20 Deg. C
9.5 Ohms/1000 ft
Nom. Inner Shield DC Resistance:
4.7 Ohms/1000 ft
Nominal Outer Shield DC Resistance @ 20°C
4.3 Ohms/1000 ft
Nom. Attenuation :
Description
Frequency (MHz)
Start Frequency (MHz)
Stop Frequency (MHz)
Nom. Attenuation
(dB/100 ft.)
1
.5
10
1.5
50
3.3
100
4.9
200
7.2
400
12.0
500
14.0
700
18.0
900
22.0
1000
24.0
Max. Operating Voltage - Non-UL
1400 V RMS
PUT-UPS AND COLORS:
Page 2 of 3


Numéro de pièce similaire - 9222004500

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
9222004500 ETC2-9222004500 Datasheet
33Kb / 3P
   RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields
More results

Description similaire - 9222004500

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
9222 ETC2-9222 Datasheet
33Kb / 3P
   RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields
1748276 ETC2-1748276 Datasheet
101Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1682720 ETC2-1682720 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1348238 ETC2-1348238 Datasheet
99Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
8259 ETC2-8259 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1346975 ETC2-1346975 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
28379 ETC2-28379 Datasheet
34Kb / 4P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam polyethylene insulation
1682728 ETC2-1682728 Datasheet
103Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor
1344804 ETC2-1344804 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG solid .033 bare copper conductor, polyethylene insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
   20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com