Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMBJ100A Fiches technique(PDF) 3 Page - Olitech Electronics Co.Ltd

No de pièce SMBJ100A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OLITECH [Olitech Electronics Co.Ltd]
Site Internet  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

SMBJ100A Fiches technique(HTML) 3 Page - Olitech Electronics Co.Ltd

  SMBJ100A Datasheet HTML 1Page - Olitech Electronics Co.Ltd SMBJ100A Datasheet HTML 2Page - Olitech Electronics Co.Ltd SMBJ100A Datasheet HTML 3Page - Olitech Electronics Co.Ltd SMBJ100A Datasheet HTML 4Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UNI BI
MIN
MAX
Maximum
Reverse
Leakage
IR @ VR
(μA)
Breakdown
Voltage
VBR
(Volts) @
IT
Test
Current
IT (mA)
Maximum
Clampin
g
Voltage
VC @ IPP
(Volts)
Maximum
Peak
Pulse
Current
IPP
(A)
Device
Marking
Code
Part
Number
(Uni)
Part
Number
(Bi)
Reverse
Stand off
Voltage
VR
(Volts)
SMBJ78A
SMBJ78CA NT
DT 78
86.7
95.8
1
126
4.8
5
SMBJ85A
SMBJ85CA NV DV 85
94.4
104
1
137
4.4
5
SMBJ90A
SMBJ90CA NX DX 90
100
111
1
146
4.1
5
SMBJ100A SMBJ100CA NZ
DZ 100
111
123
1
162
3.7
5
SMBJ110A SMBJ110CA PE
EE
110
122
135
1
177
3.4
5
SMBJ120A SMBJ120CA PG
EG 120
133
147
1
193
3.1
5
SMBJ130A SMBJ130CA PK
EK 130
144
159
1
209
2.9
5
SMBJ150A SMBJ150CA PM EM 150
167
185
1
243
2.5
5
SMBJ160A SMBJ160CA PP
EP
160
178
197
1
259
2.3
5
SMBJ170A SMBJ170CA PR
ER 170
189
209
1
275
2.2
5
SMBJ180A SMBJ180CA PT
ET
180
201
222
1
292
2.1
5
SMBJ200A SMBJ200CA PV
EV 200
224
247
1
324
1.9
5
SMBJ220A SMBJ220CA PX
EX 220
246
272
1
356
1.7
5
SMBJ250A SMBJ250CA PZ
EZ
250
279
309
1
405
1.5
5
SMBJ300A SMBJ300CA QE
FE
300
335
371
1
486
1.3
5
SMBJ350A SMBJ350CA QG FG 350
391
432
1
567
1.1
5
SMBJ400A SMBJ400CA QK FK 400
447
494
1
648
0.9
5
SMBJ440A SMBJ440CA QM FM 440
492
543
1
713
0.9
5
ELECTRICAL CHARACTERISTICS (at TA=25 C unless otherwise noted)
NOTES:
1.V(BR)measured after IT applied for 300ms,IT=square wave pulse or equivalent
2.Surge current waveform per Fig.3 and derated per Fig.2
3.For bidirectional types having VWM of 10 volts and less,the ID linit is doubled
4.All items and symbols are consistent with ANSI/IEEE C62.35
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Email: info@olitech-elec.com
Website: www.olitech-elec.com
OLITECH ELECTRONICS CO. LTD.
Page: P4 - P3


Numéro de pièce similaire - SMBJ100A

FabricantNo de pièceFiches techniqueDescription
logo
Jinan Gude Electronic D...
SMBJ100A JGD-SMBJ100A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ100A SOCAY-SMBJ100A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
987Kb / 6P
   The SMBJ is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
Weitron Technology
SMBJ100A WEITRON-SMBJ100A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results

Description similaire - SMBJ100A

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com