Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC5311IDCKR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce DAC5311IDCKR
Description  12-Bit, Low-Power, Single-Channel Digital-to-Analog Converters in SC70 Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC5311IDCKR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button DAC5311IDCKR Datasheet HTML 5Page - Texas Instruments DAC5311IDCKR Datasheet HTML 6Page - Texas Instruments DAC5311IDCKR Datasheet HTML 7Page - Texas Instruments DAC5311IDCKR Datasheet HTML 8Page - Texas Instruments DAC5311IDCKR Datasheet HTML 9Page - Texas Instruments DAC5311IDCKR Datasheet HTML 10Page - Texas Instruments DAC5311IDCKR Datasheet HTML 11Page - Texas Instruments DAC5311IDCKR Datasheet HTML 12Page - Texas Instruments DAC5311IDCKR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
0.06
0.04
0.02
0
-0.02
-0.04
-0.06
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
0.02
0.01
0
-0.01
-0.02
0
32
64
96
128
DigitalInputCode
160
192
224
256
0.02
0.01
0
-0.01
-0.02
AV
=5V
DD
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
0.02
0.01
0
-0.01
-0.02
0
32
64
96
128
DigitalInputCode
160
192
224
256
0.02
0.01
0
-0.01
-0.02
AV
=5V
DD
0.4
0.3
0.2
0.1
0
125
-40 -25 -10
5
20
35
50
65
80
95
110
Temperature( C)
°
AV
=5V
DD
0.02
0.01
0
-0.01
-0.02
0
32
64
96
128
DigitalInputCode
160
192
224
256
0.02
0.01
0
-0.01
-0.02
AV
=5V
DD
DAC5311, DAC6311, DAC7311
www.ti.com
SBAS442C – AUGUST 2008 – REVISED JULY 2015
Typical Characteristics: AVDD = 5 V (continued)
at TA = 25°C, AVDD = 5 V, and DAC loaded with midscale code (unless otherwise noted)
Figure 8. DAC5311 8-Bit Linearity Error and Differential
Figure 9. Zero-Code Error vs Temperature
Linearity Error vs Code (–40°C)
Figure 10. DAC5311 8-Bit Linearity Error and Differential
Figure 11. Offset Error vs Temperature
Linearity Error vs Code (25°C)
Figure 12. DAC5311 8-Bit Linearity Error and Differential
Figure 13. Full-Scale Error vs Temperature
Linearity Error vs Code (125°C)
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: DAC5311 DAC6311 DAC7311


Numéro de pièce similaire - DAC5311IDCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5311IDCKR TI-DAC5311IDCKR Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel,
DAC5311IDCKR TI1-DAC5311IDCKR Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311IDCKRG4 TI1-DAC5311IDCKRG4 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311IDCKRQ1 TI-DAC5311IDCKRQ1 Datasheet
1Mb / 38P
[Old version datasheet]   1.8 V to 5.5 V, 80 mA, 8 BIT, LOW POWER, SINGLE CHANNEL, DIGITAL-TO-ANALOG CONVERTER
More results

Description similaire - DAC5311IDCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC5311 TI-DAC5311_08 Datasheet
2Mb / 41P
[Old version datasheet]   1.8V to 5.5V, 80mA, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC5311 TI1-DAC5311 Datasheet
2Mb / 43P
[Old version datasheet]   1.8V to 5.5V, 80關A, 8-, 10-, and 12-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311 Datasheet
2Mb / 38P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel, DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI-DAC8311_08 Datasheet
2Mb / 40P
[Old version datasheet]   1.8V to 5.5V, 80mA, 14- and 16-Bit, Low-Power, Single-Channel,DIGITAL-TO-ANALOG CONVERTERS in SC70 Package
DAC8311 TI1-DAC8311 Datasheet
2Mb / 40P
[Old version datasheet]   Low-Power, Single-Channel, Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Anpec Electronics Corop...
APL6001 ANPEC-APL6001 Datasheet
362Kb / 17P
   Low-Power, 8-bit, 3-Channel Analog to Digital Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com