Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDDC-1500-12 Fiches technique(PDF) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

No de pièce TDDC-1500-12
Description  1500 WATT SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAB [TECHNOLOGY ASSISTANCE BCNA 2010, S. L.]
Site Internet  http://www.techassist2010.com
Logo TAB - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

TDDC-1500-12 Fiches technique(HTML) 1 Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.

  TDDC-1500-12 Datasheet HTML 1Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L. TDDC-1500-12 Datasheet HTML 2Page - TECHNOLOGY ASSISTANCE BCNA 2010, S. L.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11.75” x 5.13” x 1.73”
APPLIED POWER CONVERSION
Division of
TECHNOLOGY DYNAMICS INC.
STANDARD FEATURES
Design Excellence since 1976!
SPECIFICATIONS
TDDC-1500 SERIES
1500 WATT SINGLE OUTPUT
DC-DC CONVERTER
INPUT SPECIFICATIONS
ENVIRONMENTAL SPECIFICATIONS
Input: 18-32 VDC
Rise Time: 200 ms At Full Load
DC Current: 23.5 A/ 48 VDC 11.6A/96 VDC
Effiency: 89-92% Typical (Depending On Output Model)
Operating Temperature: -25°C to +50°C. Derate to 50% at +65°C
Storage Temperature: -40°C to +75°C max. 95% Relative Humidity
Cooling: Internal Ball Bearing DC Fan
Humidity: 20-90% RH Non Condensing
Vibration: 10-500Hz, 2G 10 min./1 Cycle for 60 min. (3 axes)
Shock: 20G Peak Half Sine Wave, 11mS
Weight: Approx. 4.5 lbs.
Size: 11.75” x 5.13” x 1.73”
OUTPUT SPECIFICATIONS
Output Adjustment Range: 24% to +29%
Minimum Load: none
Regulation: Line ± 1% Load ± 1%
Ripple/Noise: 1% peak to peak maximum (20 MHz)
Overcurrent Protection: 105-125% automatic recovery Constant Current
Overvoltage Protection: 115-140% of V1 nominal
Overtemperature Protection: Heatsink Temp. 85°C ± 5°C Auto Recovery
AVAILABLE OPTIONS
APPLICATIONS
Low Profile 1U
High Power Density
1000 VDC I/O Isolation
Remote ON/OFF Control
Forced Air Cooling, Internal Fan
OV, OL, OT Protection
Remote Sense
Front End Input & Output Terminations
SAFETY AND EMISSIONS
* Requires external EMI filter.
Parallel Operation
Rack/Panel Mount
Ruggedized For Shock & Vibration
Conformal Coating
Designed to meet MIL-STD-1275
Designed to meet MIL-STD-461*
Designed to meet MIL-STD-810
” x 5.13” x 1.73”
SPECIFICATIONS
x 5.13 x 1.73
The TDDC-1500 series of DC-DC Converter
provides highly regulated output power to
1500 watts. Rugged construction and superior
quality make this DC-DC Converter ideal for
harsh environment applications.
Available in standard, modified or fully custom
configurations, for Industrial, Commercial,
COTS, Ruggedized and Military applications.
AS 9100
CertificateNo:US008267-1


Numéro de pièce similaire - TDDC-1500-12

FabricantNo de pièceFiches techniqueDescription
logo
Greystone Energy System...
TDDC GREYSTONE-TDDC Datasheet
200Kb / 2P
   FLEXIBLE COPPER DUCT AVERAGE TEMPERATURE TRANSMITTER WITH LCD
More results

Description similaire - TDDC-1500-12

FabricantNo de pièceFiches techniqueDescription
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
   1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
   1 Watt DC/DC Converter Single Output
logo
Murata Power Solutions ...
HPR100WC MURATA-PS-HPR100WC Datasheet
148Kb / 4P
   0.75 Watt Single Output DC/DC Converter
HPR117VC MURATA-PS-HPR117VC Datasheet
165Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Volgen Kaga Electronics...
FEC30-24S1P8 VOLGEN-FEC30-24S1P8 Datasheet
641Kb / 2P
   30 WATT DC/DC CONVERTER SINGLE OUTPUT
logo
C&D Technologies
HPR1XX-1 CANDD-HPR1XX-1 Datasheet
89Kb / 4P
   0.75 Watt Single Output DC/DC Converter
logo
Wall Industries,Inc.
RBAT1 WALL-RBAT1 Datasheet
523Kb / 5P
   1 Watt DC/DC Converter Single Output
logo
TECHNOLOGY ASSISTANCE B...
TSD-1000L-12 TAB-TSD-1000L-12 Datasheet
368Kb / 2P
   1000 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
DCHPW1500-450S28 WALL-DCHPW1500-450S28 Datasheet
665Kb / 10P
   1500 Watts Full Brick DC/DC Converter Single Output
logo
Microdc power Technolog...
RB-XS MICRODC-RB-XS Datasheet
401Kb / 2P
   0.5 Watt SIP4 Single Output DC/DC-Converter
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com