Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2W005 Datasheet(Fiches technique) 2 Page - Olitech Electronics Co.Ltd

Numéro de pièce 2W005
Description  Single Phase 2.0 AMPS. Glass Passivated Bridge Rectifiers
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OLITECH [Olitech Electronics Co.Ltd]
Site Internet  http://olitech-elec.com/En_index.asp
Logo OLITECH - Olitech Electronics Co.Ltd

2W005 Datasheet(HTML) 2 Page - Olitech Electronics Co.Ltd

  2W005 Datenblatt HTML 1Page - Olitech Electronics Co.Ltd 2W005 Datasheet HTML 2Page - Olitech Electronics Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES 2W005 THRU 2W10
2W005 THRU 2W10
FIG. 2-MAXIMUM FORWARD CURRENT DERATING CURVE
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARAC TERISTICS PER BRIDGE ELEMENT
FIG.1- MAXIMUM NONO-REPETITIVE FORWARD
SURGE CURRENT PER BRIDGE ELELMENT
Note: Specifications are subject to change without notice.
NUMBER OF CYCLES AT 60Hz
AMBIENT TEMPERATURE,(℃)
INSTANTANEOUS FORWARD VOLTAGE.(V)
FIG.4- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)
Email: info@olitech-elec.com
Website: www.olitech-elec.com
Page:P2-P2
OLITECH ELECTRONICS CO. LTD.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn