Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC16061 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC16061
Description  Self-Calibrating 16-Bit, 2.5 MSPS, 390 mW A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC16061 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  ADC16061 Datasheet HTML 1Page - National Semiconductor (TI) ADC16061 Datasheet HTML 2Page - National Semiconductor (TI) ADC16061 Datasheet HTML 3Page - National Semiconductor (TI) ADC16061 Datasheet HTML 4Page - National Semiconductor (TI) ADC16061 Datasheet HTML 5Page - National Semiconductor (TI) ADC16061 Datasheet HTML 6Page - National Semiconductor (TI) ADC16061 Datasheet HTML 7Page - National Semiconductor (TI) ADC16061 Datasheet HTML 8Page - National Semiconductor (TI) ADC16061 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Pin Descriptions and Equivalent Circuits (Continued)
Digital Power
20
V
D
Positive digital supply pin. This pin should be connected to the
same clean, quiet +5V source as is V
A and bypassed to DGND
with a 0.1 µF monolithic capacitor in parallel with a 10µF capacitor,
both located within 1 cm of the power pin.
12,
13,
14,
19,
41,
42, 43
DGND
The ground return for the digital supply. AGND and DGND should
be connected together directly beneath the ADC16061 package.
See Section 5 (Layout and Grounding) for more details.
34
V
D I/O
Positive digital supply pin for the ADC16061’s output drivers. This
pin should be connected to a +3V to +5V source and bypassed to
DGND I/O with a 0.1 µF monolithic capacitor. If the supply for this
pin is different from the supply used for V
A and VD, it should also
be bypassed with a 10 µF capacitor. All bypass capacitors should
be located within 1 cm of the supply pin.
33
DGND I/O
The ground return for the digital supply for the ADC16061’s output
drivers. This pin should be connected to the system digital ground,
but not be connected in close proximity to the ADC16061’s DGND
or AGND pins. See Section 5.0 (Layout and Grounding) for more
details.
NC
2, 3,
9, 15,
16, 39
NC
All pins marked NC (no connect) should be left floating. Do not
connect the NC pins to ground, power supplies, or any other
potential or signal. These pins are used for test in the
manufacturing process.
www.national.com
5


Numéro de pièce similaire - ADC16061

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC16061 NSC-ADC16061 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061CCVT NSC-ADC16061CCVT Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061EVAL NSC-ADC16061EVAL Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
More results

Description similaire - ADC16061

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC14061 NSC-ADC14061 Datasheet
471Kb / 20P
   Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
ADC14161 NSC-ADC14161 Datasheet
471Kb / 20P
   Low-Distortion, Self-Calibrating 14-Bit, 2.5 MSPS, 390 mW A/D Converter
logo
List of Unclassifed Man...
MN6400 ETC1-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
logo
National Semiconductor ...
ADC16061 NSC-ADC16061_06 Datasheet
905Kb / 21P
   Self-Calibrating 16-Bit, 2.5MSPS, 390mW A/D Converter
logo
List of Unclassifed Man...
MN6450 ETC1-MN6450 Datasheet
1Mb / 8P
   47KHZ 16-BIT SELF-CALIBRATING SAMPLING A/D CONVERTER
logo
API Technologies Corp
MN6400 APITECH-MN6400 Datasheet
1Mb / 8P
   50kHz, 16-bit Self-Calibrating Sampling A/D Converter
MN6450 APITECH-MN6450 Datasheet
1Mb / 8P
   47kHz, 16-bit Self-calibrating Sampling A/D Converter
logo
Cirrus Logic
CS5016 CIRRUS-CS5016 Datasheet
397Kb / 46P
   16, 14 & 12-Bit, Self-Calibrating A/D Converters
logo
Texas Instruments
ADS1100 TI1-ADS1100_10 Datasheet
486Kb / 22P
[Old version datasheet]   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
NOVEMBER 2003
logo
Burr-Brown (TI)
ADS1100 BURR-BROWN-ADS1100 Datasheet
282Kb / 18P
   Self-Calibrating, 16-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com