Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS12A44515PWR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS12A44515PWR
Description  Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A44515PWR Fiches technique(HTML) 3 Page - Texas Instruments

  TS12A44515PWR Datasheet HTML 1Page - Texas Instruments TS12A44515PWR Datasheet HTML 2Page - Texas Instruments TS12A44515PWR Datasheet HTML 3Page - Texas Instruments TS12A44515PWR Datasheet HTML 4Page - Texas Instruments TS12A44515PWR Datasheet HTML 5Page - Texas Instruments TS12A44515PWR Datasheet HTML 6Page - Texas Instruments TS12A44515PWR Datasheet HTML 7Page - Texas Instruments TS12A44515PWR Datasheet HTML 8Page - Texas Instruments TS12A44515PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
D OR PW PACKAGE...TS12A44513
(TOP VIEW)
1
14
2
13
3
12
4
11
5
10
6
9
NO1
COM1
NC2
COM2
IN2
IN3
GND
7
8
VCC
IN1
IN4
NC4
COM4
COM3
NO3
D OR PW PACKAGE...TS12A44514
(TOP VIEW)
1
14
2
13
3
12
4
11
5
10
6
9
NO1
COM1
NO2
COM2
IN2
IN3
GND
7
8
VCC
IN1
IN4
NO4
COM4
COM3
NO3
D OR PW PACKAGE...TS12A44515
(TOP VIEW)
1
14
2
13
3
12
4
11
5
10
6
9
NC1
COM1
NC2
COM2
IN2
IN3
GND
7
8
VCC
IN1
IN4
NC4
COM4
COM3
NC3
3
TS12A44513, TS12A44514, TS12A44515
www.ti.com
SCDS247B – OCTOBER 2008 – REVISED FEBRUARY 2016
Product Folder Links: TS12A44513 TS12A44514 TS12A44515
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TS12A44513
TS12A44514
TS12A44515
COM
2, 4, 9, 10
2, 4, 9, 10
2, 4, 9, 10
I/O
Common
VCC
14
14
14
I
Power supply
IN
5, 6, 12, 13
5, 6, 12, 13
5, 6, 12, 13
I
Digital control to connect COM to NO or NC
GND
7
7
7
GND
Ground
NO
1, 8
1, 3, 8, 11
I/O
Normally open
NC
3, 11
1, 3, 8, 11
I/O
Normally closed


Numéro de pièce similaire - TS12A44515PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS12A44515PWR TI-TS12A44515PWR Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44515PWR TI-TS12A44515PWR Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44515PWR TI1-TS12A44515PWR Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44515PWRG4 TI-TS12A44515PWRG4 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44515PWRG4 TI-TS12A44515PWRG4 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
More results

Description similaire - TS12A44515PWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com