Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPA6139A2RGTT Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPA6139A2RGTT
Description  25mW Headphone Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6139A2RGTT Fiches technique(HTML) 3 Page - Texas Instruments

  TPA6139A2RGTT Datasheet HTML 1Page - Texas Instruments TPA6139A2RGTT Datasheet HTML 2Page - Texas Instruments TPA6139A2RGTT Datasheet HTML 3Page - Texas Instruments TPA6139A2RGTT Datasheet HTML 4Page - Texas Instruments TPA6139A2RGTT Datasheet HTML 5Page - Texas Instruments TPA6139A2RGTT Datasheet HTML 6Page - Texas Instruments TPA6139A2RGTT Datasheet HTML 7Page - Texas Instruments TPA6139A2RGTT Datasheet HTML 8Page - Texas Instruments TPA6139A2RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
GAIN
GND
VDD
GND
MUTE
GND
OUT_L
OUT_R
1
3
4
2
12
10
9
11
2
3
4
5
6
7
13
1
12
11
10
9
8
OUT_L
14
GND
MUTE
VSS
CN
CP
–IN_L
NC
VDD
GND
GAIN
OUT_R
–IN_R
NC
3
TPA6139A2
www.ti.com
SLOS700C – JANUARY 2011 – REVISED APRIL 2016
Product Folder Links: TPA6139A2
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
5 Device Comparison Table
TPA6132A2
TPA6136A2
TPA6139A2
TPA6141A2
Headphone Channels
Stereo
Stereo
Stereo
Stereo
Output Power (W)
0.025
0.025
0.025
0.025
Supply Voltage Range
2.3 to 5.5
2.3 to 5.5
3 to 3.6
2.5 to 5.5
PSRR (dB)
100
100
80
105
Pin and Package
16-pin WQFN
16-pin DSBGA
16-pin VQFN, 14-pin
TSSOP
16-pin DSBGA
6 Pin Configuration and Functions
PW Package
14-Pin TSSOP
Top View
RGT Package
16-Pin VQFN
Top View
(1)
I = input, O = output, P = power
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP
VQFN
CN
6
6
I/O
Charge Pump flying capacitor negative connection
CP
9
8
I/O
Charge Pump flying capacitor positive connection
GAIN
12
11
I
Gain set programming pin; connect a resistor to ground.
See Table 2 for recommended resistor values
GND
3, 11
2, 3, 10
P
Ground
–IN_L
1
16
I
Negative input, left channel
–IN_R
14
13
I
Negative input, right channel
MUTE
4
4
I
MUTE, active low
NC
7, 8
7. 14, 15
No internal connection
OUT_L
2
1
O
Output, left channel
OUT_R
13
12
O
Output, right channel
VDD
10
9
P
Supply voltage, connect to positive supply
VSS
5
5
O
Change Pump negative supply voltage


Numéro de pièce similaire - TPA6139A2RGTT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPA6139A2RGTT TI1-TPA6139A2RGTT Datasheet
825Kb / 22P
[Old version datasheet]   DirectPath??25-mW Headphone Amplifier With Programmable-Fixed Gain
More results

Description similaire - TPA6139A2RGTT

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
Anpec Electronics Corop...
APA2177 ANPEC-APA2177 Datasheet
417Kb / 20P
   25mW Stereo Cap-Free Headphone Driver
APA2177 ANPEC-APA2177_17 Datasheet
355Kb / 22P
   25mW Stereo Cap-Free Headphone Driver
logo
ON Semiconductor
NCP2817 ONSEMI-NCP2817 Datasheet
101Kb / 10P
   Headphone Amplifier
November, 2015 ??Rev. 0
logo
SG Micro Corp
SGM4809 SGMICRO-SGM4809 Datasheet
347Kb / 10P
   Headphone Amplifier
logo
Sanyo Semicon Device
LA4809M SANYO-LA4809M Datasheet
255Kb / 15P
   Stereo Headphone Amplifier
logo
ON Semiconductor
NCP2815 ONSEMI-NCP2815 Datasheet
232Kb / 11P
   LongPlay Headphone Amplifier
January, 2012 ??Rev. 1
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com