Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST04N20D Fiches technique(PDF) 2 Page - Stanson Technology

No de pièce ST04N20D
Description  TO-252 package design
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STANSON [Stanson Technology]
Site Internet  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST04N20D Fiches technique(HTML) 2 Page - Stanson Technology

  ST04N20D Datasheet HTML 1Page - Stanson Technology ST04N20D Datasheet HTML 2Page - Stanson Technology ST04N20D Datasheet HTML 3Page - Stanson Technology ST04N20D Datasheet HTML 4Page - Stanson Technology ST04N20D Datasheet HTML 5Page - Stanson Technology ST04N20D Datasheet HTML 6Page - Stanson Technology ST04N20D Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ST04N20D
N Channel Enhancement Mode MOSFET
4.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
Copyright © 2008, Stanson Corp.
ST04N20D 2014. V1
ABSOULTE MAXIMUM RATINGS (Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
200
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
(TJ=150℃)
TA=25℃
TA=100℃
ID
4
1.2
A
Pulsed Drain Current
IDM
15
A
Avalanche Current
IAS
10
mJ
Power Dissipation
TA=25℃
PD
68
W
Operation Junction Temperature
TJ
70
Storgae Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient
RθJA
60
/W


Numéro de pièce similaire - ST04N20D

FabricantNo de pièceFiches techniqueDescription
logo
Shindengen Electric Mfg...
ST04-12F1 SHINDENGEN-ST04-12F1 Datasheet
160Kb / 4P
   Single Zener Diode
ST04-14F1 SHINDENGEN-ST04-14F1 Datasheet
701Kb / 1P
   Power zener Diode
ST04-14F1 SHINDENGEN-ST04-14F1_17 Datasheet
221Kb / 4P
   Power Zener Diode
ST04-16 SHINDENGEN-ST04-16 Datasheet
263Kb / 7P
   Trankiller
ST04-16F1 SHINDENGEN-ST04-16F1 Datasheet
262Kb / 7P
   Trankiller
More results

Description similaire - ST04N20D

FabricantNo de pièceFiches techniqueDescription
logo
Stanson Technology
ST18N10D STANSON-ST18N10D Datasheet
619Kb / 6P
   TO-252 Package design
ST25N10 STANSON-ST25N10 Datasheet
866Kb / 6P
   TO-252 package design
ST16N10 STANSON-ST16N10 Datasheet
729Kb / 6P
   TO-252 Package design
logo
Foshan Blue Rocket Elec...
MBRD1040 FOSHAN-MBRD1040 Datasheet
666Kb / 6P
   TO-252 Plastic package Schottky diode
MBRD2045CT FOSHAN-MBRD2045CT Datasheet
710Kb / 6P
   TO-252 Plastic package Schottky diode
logo
Continental Device Indi...
TO-252 CDIL-TO-252 Datasheet
240Kb / 5P
   TO-252 (DPAK) SMD Plastic Package
logo
Foshan Blue Rocket Elec...
BTB08D FOSHAN-BTB08D Datasheet
1Mb / 8P
   Triac in a TO-252 Plastic Package
logo
Cystech Electonics Corp...
MTA55N20J3 CYSTEKEC-MTA55N20J3 Datasheet
397Kb / 9P
   TO-252
logo
Foshan Blue Rocket Elec...
LV10100DCT FOSHAN-LV10100DCT Datasheet
721Kb / 6P
   Schottky Diode in a TO-252 Plastic Package
78M05 FOSHAN-78M05 Datasheet
771Kb / 6P
   Voltage Regulator in a TO-252 Plastic Package
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com