Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HCT4051F3A Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HCT4051F3A
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HCT4051F3A Fiches technique(HTML) 3 Page - Texas Instruments

  CD54HCT4051F3A Datasheet HTML 1Page - Texas Instruments CD54HCT4051F3A Datasheet HTML 2Page - Texas Instruments CD54HCT4051F3A Datasheet HTML 3Page - Texas Instruments CD54HCT4051F3A Datasheet HTML 4Page - Texas Instruments CD54HCT4051F3A Datasheet HTML 5Page - Texas Instruments CD54HCT4051F3A Datasheet HTML 6Page - Texas Instruments CD54HCT4051F3A Datasheet HTML 7Page - Texas Instruments CD54HCT4051F3A Datasheet HTML 8Page - Texas Instruments CD54HCT4051F3A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
A4
A6
A
A7
A5
E
GND
VEE
VCC
A1
A0
A3
S0
S1
S2
A2
CHANNEL
IN/OUT
CHANNEL
IN/OUT
CHANNEL
IN/OUT
COM OUT/IN
ADDRESS
SELECT
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
www.ti.com
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
5 Pin Configuration and Functions
CD54HC4051, CD54HCT4051, CD74HC4051, CD74HCT4051 J, N, D, NS, PW Packages
16-Pin CDIP, PDIP, SOIC, SO, TSSOP
Top View
Pin Functions for CDx4HCx4051B
PIN
I/O
DESCRIPTION
NO.
NAME
1
CH A4 IN/OUT
I/O
Channel 4 in/out
2
CH A6 IN/OUT
I/O
Channel 6 in/out
3
COM OUT/IN
I/O
Common out/in
4
CH A7 IN/OUT
I/O
Channel 7 in/out
5
CH A5 IN/OUT
I/O
Channel 5 in/out
6
E
I
Enable Channels (Active Low). See Table 1.
7
VEE
Negative power input
8
GND
Ground
9
S2
I
Channel select 2. See Table 1.
10
S1
I
Channel select 1. See Table 1.
11
S0
I
Channel select 0. See Table 1.
12
CH A3 IN/OUT
I/O
Channel 3 in/out
13
CH A0 IN/OUT
I/O
Channel 0 in/out
14
CH A1 IN/OUT
I/O
Channel 1 in/out
15
CH A2 IN/OUT
I/O
Channel 2 in/out
16
VCC
Positive power input
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053


Numéro de pièce similaire - CD54HCT4051F3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HCT4051F3A TI-CD54HCT4051F3A Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HCT4051F3A TI-CD54HCT4051F3A Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HCT4051F3A TI-CD54HCT4051F3A Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HCT4051F3A TI-CD54HCT4051F3A Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HCT4051F3A TI-CD54HCT4051F3A Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Description similaire - CD54HCT4051F3A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_V01 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com