Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CB3T3306 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce SN74CB3T3306
Description  Dual FET Bus Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CB3T3306 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74CB3T3306_16 Datasheet HTML 2Page - Texas Instruments SN74CB3T3306_16 Datasheet HTML 3Page - Texas Instruments SN74CB3T3306_16 Datasheet HTML 4Page - Texas Instruments SN74CB3T3306_16 Datasheet HTML 5Page - Texas Instruments SN74CB3T3306_16 Datasheet HTML 6Page - Texas Instruments SN74CB3T3306_16 Datasheet HTML 7Page - Texas Instruments SN74CB3T3306_16 Datasheet HTML 8Page - Texas Instruments SN74CB3T3306_16 Datasheet HTML 9Page - Texas Instruments SN74CB3T3306_16 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1.5
2.0
2.5
3.0
3.5
4.0
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
VCC - Supply Voltage - V
VCC = 2.3 V to 3.6 V
VI = 5.5 V
TA = -40 C
°
100 µA
8 mA
16 mA
24 mA
2.0
1.5
2.5
3.0
3.5
4.0
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
VCC - Supply Voltage - V
VCC = 2.3 V to 3.6 V
VI = 5.5 V
TA = 25 C
°
100 µA
8 mA
16 mA
24 mA
2.0
1.5
2.5
3.0
3.5
4.0
2.3
2.5
2.7
2.9
3.1
3.3
3.5
3.7
VCC - Supply Voltage - V
VCC = 2.3 V ~ 3.6 V
VI = 5.5 V
TA = 85 C
°
100 µA
8 mA
16 mA
24 mA
SN74CB3T3306
SCDS119C – JANUARY 2003 – REVISED DECEMBER 2015
www.ti.com
6.6 Switching Characteristics
over recommended operating free-air temperature range unless otherwise noted (see Figure 4)
FROM
TO
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
VCC = 2.5 V ± 0.2 V
0.15
ns
tpd
(1)
A or B
B or A
VCC = 3.3 V
0.25
ns
± 0.3 V
VCC = 2.5 V ± 0.2 V
1
8.5
ns
ten
OE
A or B
VCC = 3.3 V
1
6.5
ns
± 0.3 V
VCC = 2.5 V ± 0.2 V
tdis
OE
A or B
1
9
ns
VCC = 3.3 V
± 0.3 V
(1)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance, when driven by an ideal voltage source (zero output impedance).
6.7 Typical Characteristics
Figure 1. VOH vs Supply Voltage
Figure 2. VOH vs Supply Voltage
Figure 3. VOH vs Supply Voltage
6
Submit Documentation Feedback
Copyright © 2003–2015, Texas Instruments Incorporated
Product Folder Links: SN74CB3T3306


Numéro de pièce similaire - SN74CB3T3306_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CB3T3306DCTR TI1-SN74CB3T3306DCTR Datasheet
606Kb / 15P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
SN74CB3T3306DCUR TI1-SN74CB3T3306DCUR Datasheet
606Kb / 15P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER
More results

Description similaire - SN74CB3T3306_16

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306 Datasheet
250Kb / 4P
   DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CBT3306 TI-SN74CBT3306 Datasheet
62Kb / 4P
[Old version datasheet]   DUAL FET BUS SWITCH
SN74CBT3306 TI-SN74CBT3306_07 Datasheet
230Kb / 11P
[Old version datasheet]   DUAL FET BUS SWITCH
logo
Unisonic Technologies
U74CBT3306 UTC-U74CBT3306_15 Datasheet
200Kb / 4P
   DUAL FET BUS SWITCH
logo
Texas Instruments
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DR TI-SN74CBTD3306DR Datasheet
769Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306 TI-SN74CBTD3306 Datasheet
74Kb / 5P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBT3305C TI1-SN74CBT3305C_15 Datasheet
1Mb / 16P
[Old version datasheet]   DUAL FET BUS SWITCH 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com