Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD54HC4053F Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce CD54HC4053F
Description  High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC4053F Fiches technique(HTML) 2 Page - Texas Instruments

  CD54HC4053F Datasheet HTML 1Page - Texas Instruments CD54HC4053F Datasheet HTML 2Page - Texas Instruments CD54HC4053F Datasheet HTML 3Page - Texas Instruments CD54HC4053F Datasheet HTML 4Page - Texas Instruments CD54HC4053F Datasheet HTML 5Page - Texas Instruments CD54HC4053F Datasheet HTML 6Page - Texas Instruments CD54HC4053F Datasheet HTML 7Page - Texas Instruments CD54HC4053F Datasheet HTML 8Page - Texas Instruments CD54HC4053F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
CD54HC4051, CD74HC4051
CD54HCT4051, CD74HCT4051, CD54HC4052, CD74HC4052, CD54HCT4052
CD74HCT4052, CD54HC4053, CD74HC4053, CD54HCT4053, CD74HCT4053
SCHS122K – NOVEMBER 1997 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagrams ..................................... 20
1
Features .................................................................. 1
8.3
Feature Description................................................. 22
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 22
3
Description ............................................................. 1
9
Application and Implementation ........................ 23
4
Revision History..................................................... 2
9.1
Application Information............................................ 23
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 23
6
Specifications......................................................... 6
10
Power Supply Recommendations ..................... 24
6.1
Absolute Maximum Ratings ...................................... 6
11
Layout................................................................... 25
6.2
ESD Ratings ............................................................ 6
11.1
Layout Guidelines ................................................. 25
6.3
Recommended Operating Conditions ...................... 6
11.2
Layout Example .................................................... 25
6.4
Thermal Information .................................................. 7
12
Device and Documentation Support ................. 26
6.5
Electrical Characteristics: HC Devices...................... 7
12.1
Documentation Support ........................................ 26
6.6
Electrical Characteristics: HCT Devices ................. 10
12.2
Related Links ........................................................ 26
6.7
Switching Characteristics, VCC = 5 V...................... 12
12.3
Community Resources.......................................... 26
6.8
Switching Characteristics, CL = 50 pF .................... 13
12.4
Trademarks ........................................................... 26
6.9
Analog Channel Specifications ............................... 16
12.5
Electrostatic Discharge Caution ............................ 26
6.10
Typical Characteristics .......................................... 17
12.6
Glossary ................................................................ 26
7
Parameter Measurement Information ................ 18
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 20
Information ........................................................... 27
8.1
Overview ................................................................. 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision J (February 2011) to Revision K
Page
Removed Ordering Information table. .................................................................................................................................... 1
Added Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table, Detailed
Description section, Applications and Implementation section, Power Supply Recommendations section, Layout
section, Device and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ...... 1
Added Military Disclaimer to Features list. ............................................................................................................................. 1
2
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: CD54HC4051 CD74HC4051 CD54HCT4051 CD74HCT4051 CD54HC4052 CD74HC4052
CD54HCT4052 CD74HCT4052 CD54HC4053 CD74HC4053 CD54HCT4053 CD74HCT4053


Numéro de pièce similaire - CD54HC4053F

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC4053F TI-CD54HC4053F Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F TI-CD54HC4053F Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F TI-CD54HC4053F Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F TI-CD54HC4053F Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4053F TI-CD54HC4053F Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

Description similaire - CD54HC4053F

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_V01 Datasheet
1Mb / 49P
[Old version datasheet]   CDx4HC405x, CDx4HCT405x High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
REVISED MAY 2019
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com