Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LFP1300-A4NMB Fiches technique(PDF) 2 Page - SICK AG

No de pièce LFP1300-A4NMB
Description  LEVEL SENSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

LFP1300-A4NMB Fiches technique(HTML) 2 Page - SICK AG

  LFP1300-A4NMB Datasheet HTML 1Page - SICK AG LFP1300-A4NMB Datasheet HTML 2Page - SICK AG LFP1300-A4NMB Datasheet HTML 3Page - SICK AG LFP1300-A4NMB Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
LFP1300-A4NMB | LFP Cubic
LEVEL SENSORS
Illustration may differ
Ordering information
Type
Part no.
LFP1300-A4NMB
1057084
Other models and accessories
www.sick.com/LFP_Cubic
Detailed technical data
Features
Medium
Fluids
Measurement
Switch, Continuous
Design
Standard
Probe type
Mono rod probe
Probe length
1,300 mm
Process pressure
–1 bar ... 10 bar
Process temperature
–20 °C ... +100 °C
GOST approval
RoHS certificate
IO-Link
CULus certificate
Performance
Accuracy of sensor element
± 5 mm 1)
Repeatability
≤ 2 mm
Resolution
< 2 mm
Response time
< 400 ms
Dielectricity constant
≥ 5 for mono rod probe / rope probe
≥ 1.8 with coaxial tube
Conductivity
No limitation
Maximum level change
≤ 500 mm/s
Deactivated area at end of probe
10 mm 1)
1) With water under reference conditions.
2
FLUID SENSORS | SICK
Online data sheet | 2016-05-11 15:58:08
Subject to change without notice


Numéro de pièce similaire - LFP1300-A4NMB

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
LFP1300-A5NMC SICK-LFP1300-A5NMC Datasheet
212Kb / 4P
   LEVEL SENSORS
More results

Description similaire - LFP1300-A4NMB

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
LFV200-XATNACPV SICK-LFV200-XATNACPV Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XATNATPML SICK-LFV200-XATNATPML Datasheet
289Kb / 4P
   LEVEL SENSORS
LFV200-XXHCLCPM SICK-LFV200-XXHCLCPM Datasheet
288Kb / 4P
   LEVEL SENSORS
LBV310-XXAGDR8NX SICK-LBV310-XXAGDR8NX Datasheet
466Kb / 6P
   LEVEL SENSORS
LBV310-XXANDRKNX SICK-LBV310-XXANDRKNX Datasheet
483Kb / 6P
   LEVEL SENSORS
LBV310-XXANDTKMX SICK-LBV310-XXANDTKMX Datasheet
484Kb / 6P
   LEVEL SENSORS
LFV310-XXCAPX8RX SICK-LFV310-XXCAPX8RX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGAVXPRX SICK-LFV310-XXGAVXPRX Datasheet
278Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVTPCX SICK-LFV310-XXGBVTPCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV310-XXGBVXMCX SICK-LFV310-XXGBVXMCX Datasheet
277Kb / 4P
   LEVEL SENSORS
LFV330-CAADVTMN0250 SICK-LFV330-CAADVTMN0250 Datasheet
1Mb / 7P
   LEVEL SENSORS
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com