Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL1401CCS Fiches technique(PDF) 3 Page - ams AG

No de pièce TSL1401CCS
Description  Enables High-Resolution Edge Detection
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

TSL1401CCS Fiches technique(HTML) 3 Page - ams AG

  TSL1401CCS Datasheet HTML 1Page - ams AG TSL1401CCS Datasheet HTML 2Page - ams AG TSL1401CCS Datasheet HTML 3Page - ams AG TSL1401CCS Datasheet HTML 4Page - ams AG TSL1401CCS Datasheet HTML 5Page - ams AG TSL1401CCS Datasheet HTML 6Page - ams AG TSL1401CCS Datasheet HTML 7Page - ams AG TSL1401CCS Datasheet HTML 8Page - ams AG TSL1401CCS Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ams Datasheet
Page 3
[v1-00] 2016-Jan-18
Document Feedback
TSL1401CCS − Detailed Description
The sensor consists of 128 photodiodes arranged in a linear
array. Light energy impinging on a photodiode generates
photocurrent, which is integrated by the active integration
circuitry associated with that pixel.
During the integration period, a sampling capacitor connects
to the output of the integrator through an analog switch. The
amount of charge accumulated at each pixel is directly
proportional to the light intensity and the integration time.
The output and reset of the integrators is controlled by a 128-bit
shift register and reset logic. An output cycle is initiated by
clocking in a logic 1 on SI. For proper operation, after meeting
the minimum hold time condition, SI must go low before the
next rising edge of the clock. The signal called Hold is normally
connected to SI. Then, the rising edge of SI causes a HOLD
condition. This causes all 128 sampling capacitors to be
disconnected from their respective integrators and starts an
integrator reset period. As the SI pulse is clocked through the
shift register, the charge stored on the sampling capacitors is
sequentially connected to a charge-coupled output amplifier
that generates a voltage on analog output AO. Simultaneously,
during the first 18 clock cycles, all pixel integrators are reset,
and the next integration cycle begins on the 19th clock. On the
129th clock rising edge, the SI pulse is clocked out of the shift
register and the analog output AO assumes a high impedance
state. Note that this 129th clock pulse is required to terminate
the output of the 128th pixel, and return the internal logic to a
known state. If a minimum integration time is desired, the next
SI pulse may be presented after a minimum delay of tqt (pixel
charge transfer time) after the 129th clock pulse.
AO is an op amp-type output that does not require an external
pull-down resistor. This design allows a rail-to-rail output
voltage swing. With VDD = 5V, the output is nominally 0V for no
light input, 2V for normal white level, and 4.8V for saturation
light level. When the device is not in the output phase, AO is in
a high-impedance state.
Detailed Description


Numéro de pièce similaire - TSL1401CCS

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TSL1401CL ETC2-TSL1401CL Datasheet
188Kb / 16P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CL AMSCO-TSL1401CL Datasheet
647Kb / 17P
   128X1 LINEAR SENSOR ARRAY WITH HOLD
logo
TEXAS ADVANCED OPTOELEC...
TSL1401CL TAOS-TSL1401CL Datasheet
647Kb / 17P
   LINEAR SENSOR ARRAY WITH HOLD
logo
List of Unclassifed Man...
TSL1401CS ETC-TSL1401CS Datasheet
169Kb / 14P
   128 1 LINEAR SENSOR ARRAY WITH HOLD
logo
ams AG
TSL1401CS AMSCO-TSL1401CS Datasheet
686Kb / 19P
   128 횞 1 LINEAR SENSOR ARRAY WITH HOLD
More results

Description similaire - TSL1401CCS

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
D6T OMRON-D6T Datasheet
699Kb / 6P
   High Sensitivity Enables Detection of Stationary Human Presence
logo
Murata Manufacturing Co...
PV36W102C01B00 MURATA1-PV36W102C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W201C01B00 MURATA1-PV36W201C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X201C01B00 MURATA1-PV36X201C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W204C01B00 MURATA1-PV36W204C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W104C01B00 MURATA1-PV36W104C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W105C01B00 MURATA1-PV36W105C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36W203C01B00 MURATA1-PV36W203C01B00_V01 Datasheet
231Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X101C01B00 MURATA1-PV36X101C01B00_V01 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
PV36X200C01B00 MURATA1-PV36X200C01B00 Datasheet
233Kb / 3P
   High resolution 25-turns potentiometer enables precision adjustment easily.
08/30/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com