Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TM21R-5C-88-LP Fiches technique(PDF) 1 Page - Hirose Electric

No de pièce TM21R-5C-88-LP
Description  Modular Jack Connectors for High-Speed LAN Transmission
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

TM21R-5C-88-LP Fiches technique(HTML) 1 Page - Hirose Electric

  TM21R-5C-88-LP Datasheet HTML 1Page - Hirose Electric TM21R-5C-88-LP Datasheet HTML 2Page - Hirose Electric TM21R-5C-88-LP Datasheet HTML 3Page - Hirose Electric TM21R-5C-88-LP Datasheet HTML 4Page - Hirose Electric TM21R-5C-88-LP Datasheet HTML 5Page - Hirose Electric TM21R-5C-88-LP Datasheet HTML 6Page - Hirose Electric TM21R-5C-88-LP Datasheet HTML 7Page - Hirose Electric TM21R-5C-88-LP Datasheet HTML 8Page - Hirose Electric TM21R-5C-88-LP Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Modular Jack Connectors for High-Speed LAN Transmission
TM21R Series
NEW
2002.11
sFeatures
1. Supports High-Speed LAN Transmission
Meets requirements of TIA/EIA-568-B data wiring
standard. Single port configuration meeting CAT5e and
multiple port configuration meeting CAT5 transmission
performance.
As such, these products fully support Gigabit Ethernet
(1000BASE-T) and Fast Ethernet (100BASE-TX) high-
speed LAN transmission.
2. Built-in Optical Indicators
Optical indicators are integral part of the connectors
saving space on customer’s board.
Compared with LED type indicators, they do not emit any
electrical noise.
3. EMI protection
Metal shield covers the outer surfaces of the connectors
assuring complete protection against electromagnetic
interference.
Built-in multiple shield and ground contacts assure
reliable connection with the mounting panel as well as
with the mating connector.
4. FCC Standards
Meets requirements of FCC Title 47, Part 68, Subpart F.
sApplications
Telecom Hubs, Routers, Bridges and ATM Transmission
Equipment, Ethernet Switches and Networking Equipment,
Test and Measurement Equipment, Medical Diagnostic
Equipment.
Optical indicator
LED
Optical pipe
Housing
Optical indicator
Optical indicator area
Space
saving
One additional TM21 multi-port jack can be mounted
in the space previously occupied by LEDs.
Built-in Optical Indicators
Built-in LED type
(Possibility of
electromagnetic noise
emission and
interference.)
Built-in Optical pipe
type
(No electromagnetic
noise emission.)


Html Pages

1  2  3  4  5  6  7  8  9  10