Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST60-36P Datasheet(Fiches technique) 1 Page - Hirose Electric

Numéro de pièce ST60-36P
Description  Interface Connectors for Miniature, Portable Terminal Devices
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ST60-36P Datasheet(HTML) 1 Page - Hirose Electric

  ST60-36P Datasheet HTML 1Page - Hirose Electric ST60-36P Datenblatt HTML 2Page - Hirose Electric ST60-36P Datenblatt HTML 3Page - Hirose Electric ST60-36P Datenblatt HTML 4Page - Hirose Electric ST60-36P Datenblatt HTML 5Page - Hirose Electric ST60-36P Datenblatt HTML 6Page - Hirose Electric ST60-36P Datenblatt HTML 7Page - Hirose Electric ST60-36P Datenblatt HTML 8Page - Hirose Electric ST60-36P Datenblatt HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Right
Left
Mating direction
49N max.
Top
Bottom
Polarization keys
Contacts are not damaged!
Standard plug
Identification surface
Identification surface
Reverse plug
1
Interface Connectors for Miniature, Portable Terminal Devices
ST Series
NEW
2004.6
Strong locking mechanism
Prevention against reversed or angle insertion
Plug variations
sOverview
Developed as external input/output connectors for the
portable and mobile devices used in consumer markets. As
such, the connectors incorporate features required to assure
reliable electrical and mechanical performance under
extreme and unpredictable conditions.
sFeatures
1. Strong locking mechanism
To assure continuous reliability of the connection in an
unpredictable consumer environment, mated connectors
will withstand pull force of 49N max. applied in any
direction.
2. Prevention against reversed or angle insertion
Multiple polarization keys will not allow incorrect insertion
of the mating plug.
In addition, contacts will not be damaged when the user
attempts to insert only the corner of the mating plug.
3. Small size and low profile
Contact pitch of 0.5 mm and utilization of state-of-the-art
manufacturing technologies has produced receptacle
height of 3 mm above the board and maximum thickness
of the plug of only 7 mm.
4. EMI protection
Built-in ground continuity features and EMI shielding
assure interference free performance.
5. Wide variety of contact positions and
mounting styles
Standard, reverse, vertical and cradle mountings, as well
as utilization of variety of cables and conductors assure
application of this connector in diversified applications.
sApplications
Digital Still Cameras, Personal Digital Assistance,
Notebook computers, Cellular phones, Portable readers,
Mobile recorders and any mobile or portable device
requiring high reliability small size input/output
connection.


Html Pages

1  2  3  4  5  6  7  8  9  10