Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ES3J-SMC Fiches technique(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

No de pièce ES3J-SMC
Description  Super Fast recovery rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Site Internet  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ES3J-SMC Fiches technique(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  ES3J-SMC Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD ES3J-SMC Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(ES3A~ES3J)SMC
Super Fast recovery rectifiers
Major Ratings and Characteristics
IF(AV)
3.0 A
VRRM
50 V to 1000 V
IFSM
100 A
trr
35 nS
VF
0.95 V, 1.3 V, 1.7 V
Tj max.
150 °C
Features
Glass passivated chip junction
Ideal for automated placement
Ultrafast reverse recovery time for high efficiency
Low profile package
High forward surage capability
High temperatrue soldering
260
/10 seconds at terminals
Component in accordance to RoHS 2002/95/1
and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC DO-214ABmolded plastic
body over passivated chip
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol (ES3A) (ES3B) (ES3D) (ES3G) (ES3J) UNIT
Maximum repetitive peak reverse voltage
V
RRM
50
100
200
400
600
V
Maximum RMS voltage
V
RMS
35
70
140
280
420
V
Maximum DC blocking voltage
V
DC
50
100
200
400
600
V
Maximum average forward rectified current
I
F(AV)
3
A
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
I
FSM
100
A
Maximum instantaneous forwad voltage at 3.0A
V
F
0.95
1.30
1.70
V
Maximum DC reverse current
TA = 25
at Rated DC blocking voltage
TA = 100
I
R
5.0
μA
50
μA
Maximum reverse recovery time
at I
F = 0.5 A , IR = 1.0 A , Irr = 0.25 A
t
rr
35
nS
Typical junction capacitance at 4.0 V ,1MHz
C
J
45
p F
Typical thermal resistance
R
JA
50
/ W
Operating junction and storage temperature range
T
J, TSTG
–55 to +150


Numéro de pièce similaire - ES3J-SMC

FabricantNo de pièceFiches techniqueDescription
logo
Frontier Electronics.
ES3J-LFR FRONTIER-ES3J-LFR Datasheet
128Kb / 2P
   3A FAST EFFICIENT SURFACE MOUNT RECTIFIER
More results

Description similaire - ES3J-SMC

FabricantNo de pièceFiches techniqueDescription
logo
DONGGUAN YOU FENG WEI E...
ES3A-SMB YFWDIODE-ES3A-SMB Datasheet
91Kb / 2P
   Super Fast recovery rectifiers
logo
Formosa MS
SF5A05F FORMOSA-SF5A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF8A05F FORMOSA-SF8A05F Datasheet
92Kb / 6P
   Super Fast Recovery Rectifiers
SF1605CT FORMOSA-SF1605CT Datasheet
101Kb / 6P
   Super Fast Recovery Rectifiers
logo
HY ELECTRONIC CORP.
SF801 HY-SF801_V01 Datasheet
415Kb / 3P
   Super Fast Recovery Rectifiers
SF1601 HY-SF1601_V01 Datasheet
417Kb / 3P
   Super Fast Recovery Rectifiers
logo
Dongguan City Niuhang E...
MUR460EB NIUHANG-MUR460EB Datasheet
489Kb / 3P
   SUPER FAST RECOVERY RECTIFIERS
logo
Central Semiconductor C...
CMR2S-02 CENTRAL-CMR2S-02_15 Datasheet
298Kb / 2P
   SUPER FAST RECOVERY RECTIFIERS
logo
Digitron Semiconductors
UTX105 DIGITRON-UTX105 Datasheet
153Kb / 3P
   SUPER-FAST RECOVERY RECTIFIERS
logo
Formosa MS
SF10A05 FORMOSA-SF10A05 Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
SF15A05F FORMOSA-SF15A05F Datasheet
54Kb / 6P
   Super Fast Recovery Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com