Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1175-50CIMTX Fiches technique(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC1175-50CIMTX
Description  8-Bit, 50 MSPS, 125 mW A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1175-50CIMTX Fiches technique(HTML) 4 Page - National Semiconductor (TI)

  ADC1175-50CIMTX Datasheet HTML 1Page - National Semiconductor (TI) ADC1175-50CIMTX Datasheet HTML 2Page - National Semiconductor (TI) ADC1175-50CIMTX Datasheet HTML 3Page - National Semiconductor (TI) ADC1175-50CIMTX Datasheet HTML 4Page - National Semiconductor (TI) ADC1175-50CIMTX Datasheet HTML 5Page - National Semiconductor (TI) ADC1175-50CIMTX Datasheet HTML 6Page - National Semiconductor (TI) ADC1175-50CIMTX Datasheet HTML 7Page - National Semiconductor (TI) ADC1175-50CIMTX Datasheet HTML 8Page - National Semiconductor (TI) ADC1175-50CIMTX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin Descriptions and Equivalent Circuits (LLP pins in parentheses) (Continued)
Pin
No.
Symbol
Equivalent Circuit
Description
11,
13, 14
(9, 11,
12)
DV
DD
Positive digital supply pin. Connect to a clean, quiet
voltage source of +5V. AV
DD and DVDD should have
a common source and be separately bypassed with
a 10 µF capacitor and a 0.1 µF ceramic chip
capacitor. See Section 4.0 for more information.
2, 24
(22,
24)
DV
SS
The ground return for the digital supply. AV
SS and
DV
SS should be connected together close to the
ADC1175-50.
15, 18
(13,
16)
AV
DD
Positive analog supply pin. Connect to a clean,
quiet voltage source of +5V. AV
DD and DVDD should
have a common source and be separately bypassed
with a 10 µF capacitor and a 0.1 µF ceramic chip
capacitor. See Section 4.0 for more information.
20, 21
(18,
19)
AV
SS
The ground return for the analog supply. AV
SS and
DV
SS should be connected together close to the
ADC1175-50 package.
www.national.com
4


Numéro de pièce similaire - ADC1175-50CIMTX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC1175-50CIMTX NSC-ADC1175-50CIMTX Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50CIMTX TI-ADC1175-50CIMTX Datasheet
1Mb / 26P
[Old version datasheet]   ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
JANUARY 2000-REVISED APRIL 2013
ADC1175-50CIMTX/NOPB TI1-ADC1175-50CIMTX/NOPB Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 50 MSPS, 125 mW A/D Converter
More results

Description similaire - ADC1175-50CIMTX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC1175-50 TI1-ADC1175-50 Datasheet
1Mb / 27P
[Old version datasheet]   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50_07 Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50CIMTX TI-ADC1175-50CIMTX Datasheet
1Mb / 26P
[Old version datasheet]   ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
JANUARY 2000-REVISED APRIL 2013
logo
Intersil Corporation
HI1396 INTERSIL-HI1396 Datasheet
86Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1396 INTERSIL-HI1396_00 Datasheet
674Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com