Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1175CIJMX Fiches technique(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce ADC1175CIJMX
Description  8-Bit, 20MHz, 60mW A/D Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC1175CIJMX Fiches technique(HTML) 10 Page - National Semiconductor (TI)

Back Button ADC1175CIJMX Datasheet HTML 6Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 7Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 8Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 9Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 10Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 11Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 12Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 13Page - National Semiconductor (TI) ADC1175CIJMX Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Typical Performance Characteristics (Continued)
Differential Phase vs Temperature
Spectral Response at f
CLK = 20 MSPS
10009227
10009228
Specification Definitions
ANALOG INPUT BANDWIDTH is a measure of the fre-
quency at which the reconstructed output fundamental drops
3 dB below its low frequency value for a full scale input. The
test is performed with f
IN equal to 100 kHz plus integer
multiples of f
CLK. The input frequency at which the output is
−3 dB relative to the low frequency input signal is the full
power bandwidth.
APERTURE JITTER is the time uncertainty of the sampling
point (t
DS), or the range of variation in the sampling delay.
BOTTOM OFFSET is the difference between the input volt-
age that just causes the output code to transition to the first
code and the negative reference voltage. Bottom offset is
defined as E
OB =VZT -VRB, where VZT is the first code
transition input voltage. Note that this is different from the
normal Zero Scale Error.
DIFFERENTIAL GAIN ERROR is the percentage difference
between the output amplitudes of a high frequency recon-
structed sine wave at two different dc levels.
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB.
DIFFERENTIAL PHASE ERROR is the difference in the
output phase of a reconstructed small signal sine wave at
two different dc levels.
EFFECTIVE NUMBER OF BITS (ENOB, or EFFECTIVE
BITS) is another method of specifying Signal-to-Noise and
Distortion Ratio, or SINAD. ENOB is defined as (SINAD -
1.76) / 6.02 and says that the converter is equivalent to a
perfect ADC of this (ENOB) number of bits.
INTEGRAL NON-LINEARITY (INL) is a measure of the
deviation of each individual code from a line drawn from zero
scale (12LSB below the first code transition) through positive
full scale (12LSB above the last code transition). The devia-
tion of any given code from this straight line is measured
from the center of that code value. The end point test method
is used.
OUTPUT DELAY is the time delay after the rising edge of
the input clock before the data update is present at the
output pins.
OUTPUT HOLD TIME is the length of time that the output
data is valid after the rise of the input clock.
PIPELINE DELAY (LATENCY) is the number of clock cycles
between initiation of conversion and when that data is pre-
sented to the output stage. Data for any give sample is
available the Pipeline Delay plus the Output Delay after that
sample is taken. New data is available at every clock cycle,
but the data lags the conversion by the pipeline delay.
SAMPLING (APERTURE) DELAY is that time required after
the fall of the clock input for the sampling switch to open. The
Sample/Hold circuit effectively stops capturing the input sig-
nal and goes into the "hold" mode t
DS after the clock goes
low.
SIGNAL TO NOISE RATIO (SNR) is the ratio of the rms
value of the input signal to the rms value of the other spectral
components below one-half the sampling frequency, not in-
cluding harmonics or dc.
SIGNAL TO NOISE PLUS DISTORTION (S/(N+D) or SI-
NAD) is the ratio of the rms value of the input signal to the
rms value of all of the other spectral components below half
the clock frequency, including harmonics but excluding dc.
SPURIOUS FREE DYNAMIC RANGE (SFDR) is the differ-
ence, expressed in dB, between the rms values of the input
signal and the peak spurious signal, where a spurious signal
is any signal present in the output spectrum that is not
present at the input.
TOP OFFSET is the difference between the positive refer-
ence voltage and the input voltage that just causes the
output code to transition to full scale and is defined as E
OT =
V
FT −VRT. Where VFT is the full scale transition input volt-
age. Note that this is different from the normal Full Scale
Error.
TOTAL HARMONIC DISTORTION (THD) is the ratio of the
rms total of the first six harmonic components, to the rms
value of the input signal.
www.national.com
10


Numéro de pièce similaire - ADC1175CIJMX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC1175CIMTC TI1-ADC1175CIMTC Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
ADC1175CIMTC/NOPB TI1-ADC1175CIMTC/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
ADC1175CIMTCX TI1-ADC1175CIMTCX Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
ADC1175CIMTCX/NOPB TI1-ADC1175CIMTCX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
More results

Description similaire - ADC1175CIJMX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC1175 TI1-ADC1175_14 Datasheet
1Mb / 29P
[Old version datasheet]   8-Bit, 20MHz, 60mW A/D Converter
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com