Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC30-21516A Fiches technique(PDF) 5 Page - SICK AG

No de pièce UC30-21516A
Description  ULTRASONIC SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SICK [SICK AG]
Site Internet  http://www.sick.com/
Logo SICK - SICK AG

UC30-21516A Fiches technique(HTML) 5 Page - SICK AG

  UC30-21516A Datasheet HTML 1Page - SICK AG UC30-21516A Datasheet HTML 2Page - SICK AG UC30-21516A Datasheet HTML 3Page - SICK AG UC30-21516A Datasheet HTML 4Page - SICK AG UC30-21516A Datasheet HTML 5Page - SICK AG UC30-21516A Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UC30-21516A | UC30
ULTRASONIC SENSORS
Recommended accessories
Other models and accessories
www.sick.com/UC30
Brief description
Type
Part no.
Universal bar clamp systems
Plate K for universal clamp bracket, steel, zinc coated, universal clamp and mounting
hardware included
BEF-KHS-K01
2022718
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-G02M
6008899
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: PVC, unshielded, 2 m
DOL-1205-W02M
6008900
Programming and configuration tools
Tool for visualization, configuration and cloning, 3-digit LED display, supply voltage: DV
9 V ... 30 V
Connect+
adapter (CPA)
6037782
2016-05-02 22:08:07 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
5


Numéro de pièce similaire - UC30-21516A

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
UC30-215162 SICK-UC30-215162 Datasheet
701Kb / 6P
   ULTRASONIC SENSORS
UC30-215163 SICK-UC30-215163 Datasheet
702Kb / 6P
   ULTRASONIC SENSORS
UC30-215164 SICK-UC30-215164 Datasheet
701Kb / 6P
   ULTRASONIC SENSORS
More results

Description similaire - UC30-21516A

FabricantNo de pièceFiches techniqueDescription
logo
SICK AG
UM18-20014 SICK-UM18-20014 Datasheet
993Kb / 6P
   ULTRASONIC SENSORS
UM18-11117 SICK-UM18-11117 Datasheet
326Kb / 4P
   ULTRASONIC SENSORS
UM18-21112A211 SICK-UM18-21112A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21112A212 SICK-UM18-21112A212 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-21212A211 SICK-UM18-21212A211 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-51114 SICK-UM18-51114 Datasheet
332Kb / 4P
   ULTRASONIC SENSORS
UC4-13345 SICK-UC4-13345 Datasheet
988Kb / 7P
   ULTRASONIC SENSORS
UD18-22DC221 SICK-UD18-22DC221 Datasheet
1,019Kb / 6P
   ULTRASONIC SENSORS
UM18-218161102 SICK-UM18-218161102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165101 SICK-UM18-218165101 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
UM18-218165102 SICK-UM18-218165102 Datasheet
1Mb / 6P
   ULTRASONIC SENSORS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com