Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1SS405 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce 1SS405
Description  TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS405 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  1SS405_14 Datasheet HTML 1Page - Toshiba Semiconductor 1SS405_14 Datasheet HTML 2Page - Toshiba Semiconductor 1SS405_14 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SS405
2014-03-01
1
TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS405
High Speed Switching Application
Low forward voltage
: VF (3) = 0.50V (typ.)
Low reverse current
: IR= 0.5μA (max)
Small total capacitance
: CT = 3.9pF (typ.)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Maximum (peak) reverse Voltage
VRM
25
V
Reverse voltage
VR
20
V
Maximum (peak) forward current
IFM
100
mA
Average forward current
IO
50
mA
Surge current (10ms)
IFSM
1
A
Power dissipation
P *
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55 to 125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating
conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
*:
Mounted on a glass epoxy circuit board of 20 × 20 mm,
pad dimension of 4 × 4 mm.
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
VF (1)
IF = 1mA
0.33
VF (2)
IF = 5mA
0.38
Forward voltage
VF (3)
IF = 50mA
0.50
0.55
V
Reverse current
IR
VR = 20V
0.5
μA
Total capacitance
CT
VR = 0, f = 1MHz
3.9
pF
Equivalent Circuit (Top View)
Marking
JEDEC
JEITA
TOSHIBA
1-1G1A
Weight: 1.4mg(Typ.)
Unit: mm
A7
Start of commercial production
2001-09


Numéro de pièce similaire - 1SS405_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
1SS405 TOSHIBA-1SS405 Datasheet
190Kb / 3P
   High Speed Switching Application
logo
Diotec Semiconductor
1SS405 DIOTEC-1SS405 Datasheet
135Kb / 2P
   SMD Small Signal Schottky Diodes
More results

Description similaire - 1SS405_14

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
1SS384 TOSHIBA-1SS384_14 Datasheet
212Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS395 TOSHIBA-1SS395_14 Datasheet
193Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS424 TOSHIBA-1SS424_14 Datasheet
149Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS383 TOSHIBA-1SS383_15 Datasheet
283Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS385FV TOSHIBA-1SS385FV_14 Datasheet
238Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS389 TOSHIBA-1SS389_14 Datasheet
212Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS396 TOSHIBA-1SS396_15 Datasheet
326Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS357 TOSHIBA-1SS357_14 Datasheet
213Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS372 TOSHIBA-1SS372_14 Datasheet
223Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
1SS385 TOSHIBA-1SS385_14 Datasheet
265Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Schottky Barrier Type
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com