Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FH25-21S-0.3SH Fiches technique(PDF) 8 Page - Hirose Electric

No de pièce FH25-21S-0.3SH
Description  0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HIROSE [Hirose Electric]
Site Internet  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH25-21S-0.3SH Fiches technique(HTML) 8 Page - Hirose Electric

  FH25-21S-0.3SH Datasheet HTML 1Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 2Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 3Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 4Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 5Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 6Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 7Page - Hirose Electric FH25-21S-0.3SH Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
BFH25 Series FPC Construction (Recommended)
1. Using Single-sided FPC
Name
Covering film layer
Cover adhesive
Surface treatment
Copper foil
Base adhesive
Base film
Reinforcement material adhesive
Stiffener
Polyamide 1 mil thick.
1µm to 5µm nickel underplated
0.2µm gold plated
Cu
1oz
Polyamide 1 mil thick
Polyamide 3 mil thick
Total
25
25
(3)
35
25
25
30
75
193
Material
Thickness (µm)
2. Using Double-sided FPC
3. Precautions
Name
Covering film layer
Cover adhesive
Surface treatment
Through-hole copper
Copper foil
Base adhesive
Base film
Base adhesive
Copper foil
Cover adhesive
Covering layer film
Reinforcement material adhesive
Stiffener
Polyamide 1 mil thick
1µm to 5µm nickel underplated
0.2µm gold plated
Cu
Cu
1/2oz
Polyamide 1 mil thick
Cu
1/2oz
Polyamide 1 mil thick
Polyamide 1 mil thick
Total
25
25
(3)
15
18
18
25
18
18
25
25
25
25
197
Material
Thickness (µm)
Note: Recommended specification for FPC 0.2 ± 0.03 mm thick.
To prevent release of the lock due to FPC bending, use of the FPC with copper foil on rear side is NOT RECOMMENDED.
Rear side
The contents of this catalog are current as of date of publication. Contents are subject to change without notice for the purpose of improvements.
5-23,OSAKI 5-CHOME,SHINAGAWA-KU,TOKYO 141-8587,JAPAN
PHONE: 81-3-3491-9741, FAX: 81-3-3493-2933
http://www.hirose.com
http://www.hirose-connectors.com
®


Numéro de pièce similaire - FH25-21S-0.3SH

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
FH2 GOOD-ARK-FH2 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Sanyo Semicon Device
FH201 SANYO-FH201 Datasheet
75Kb / 8P
   VCO OSC Circuit Applications
FH202 SANYO-FH202 Datasheet
82Kb / 9P
   VCO OSC Circuit Applications
FH203 SANYO-FH203 Datasheet
66Kb / 9P
   VCO OSC Circuit Applications
logo
List of Unclassifed Man...
FH20C1 ETC2-FH20C1 Datasheet
32Kb / 1P
   1.3mm /1.1mm Ceramic Surface Mount Crystals
More results

Description similaire - FH25-21S-0.3SH

FabricantNo de pièceFiches techniqueDescription
logo
Hirose Electric
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH42 HIROSE-FH42 Datasheet
1Mb / 10P
   0.3 mm Pitch, 0.65 mm above the board, Top Contact, Back-Flip actuator Flexible Printed Circuit ZIF Connectors
FH30 HIROSE-FH30 Datasheet
634Kb / 8P
   0.3 or 0.4 mm pitch, 3 mm above the board, Flip-Lock actuator, Flexible Printed Circuit ZIF connectors
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-23S-0.3SHW05 HIROSE-FH26-23S-0.3SHW05 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com